Electronic Components Datasheet Search
  English  ▼

X  

LTC1318 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1318
Description  DCE Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1318 Datasheet(HTML) 4 Page - Linear Technology

  LTC1318 Datasheet HTML 1Page - Linear Technology LTC1318 Datasheet HTML 2Page - Linear Technology LTC1318 Datasheet HTML 3Page - Linear Technology LTC1318 Datasheet HTML 4Page - Linear Technology LTC1318 Datasheet HTML 5Page - Linear Technology LTC1318 Datasheet HTML 6Page - Linear Technology LTC1318 Datasheet HTML 7Page - Linear Technology LTC1318 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1318
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (mA)
0
10
8
6
4
2
0
–2
–4
–6
–8
–10
12
1318 G02
3
6
9
15
V+
V –
TA = 25°C
VCC = 5V
ILOAD = V
+ TO V–
TEMPERATURE (
°C)
0
10.0
9.8
9.6
9.4
9.2
9.0
8.8
8.6
8.4
8.2
8.0
20
40
50
1318 G01
10
30
60
70
VCC = 5V
Charge Pump Output Voltage
vs Load Current
TEMPERATURE (
°C)
0
60
1318 G03
20
40
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
10
30
50
70
VCC = 5V
INPUT HIGH (TXI1, TXI2)
INPUT HIGH (TXD)
INPUT LOW (TXD)
INPUT LOW (TXI1, TXI2)
TTL Input Threshold
vs Temperature
RS422 Driver Single-Ended
Output Swing vs Load Current
Supply Current vs Temperature
RS422 Driver Short-Circuit
Current vs Temperature
LOAD CURRENT (mA)
0
10
9
8
7
6
5
4
3
2
1
0
1318 G04
10
20 30
40 50
60 70
80 90 100
TA = 25°C
VCC = 5V
ILOAD FROM
TXD+ TO TXD–
LOAD CURRENT (mA)
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1318 G05
10
20 30
40 50
60 70
80 90 100
TA = 25°C
VCC = 5V
ILOAD FROM TXD
+,
TXD– TO GND
TEMPERATURE (
°C)
0
100
98
96
94
92
90
88
86
84
82
80
20
40
50
1318 G06
10
30
60
70
VCC = 5V
ISC
+
ISC
–
RS422 Driver Differential Output
Swing vs Load Current
RS232 Driver Output Swing vs
Resistive Load
RS232 Driver Slew Rate vs
Load Capacitance
RS232 Driver Short-Circuit
Current vs Temperature
RESISTIVE LOAD (k
Ω)
1
10
8
6
4
2
0
–2
–4
–6
–8
–10
310
1318 G08
24
5
6 78 9
TA = 25°C
VCC = 5V
POSITIVE SWING
NEGATIVE SWING
CAPACITANCE (pF)
10
25
20
15
10
5
0
100
1000
10000
1318 G07
SR–
SR+
TA = 25°C
VCC = 5V
TEMPERATURE (
°C)
0
20.0
19.5
19.0
18.5
18.0
17.5
17.0
16.5
16.0
15.5
15.0
20
40
50
1318 G09
10
30
60
70
VCC = 5V
ISC
+
ISC
–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com