Electronic Components Datasheet Search
  English  ▼

X  

UPD3737 Datasheet(PDF) 5 Page - NEC

Part # UPD3737
Description  5150-BIT CCD LINEAR IMAGE SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3737 Datasheet(HTML) 5 Page - NEC

  UPD3737 Datasheet HTML 1Page - NEC UPD3737 Datasheet HTML 2Page - NEC UPD3737 Datasheet HTML 3Page - NEC UPD3737 Datasheet HTML 4Page - NEC UPD3737 Datasheet HTML 5Page - NEC UPD3737 Datasheet HTML 6Page - NEC UPD3737 Datasheet HTML 7Page - NEC UPD3737 Datasheet HTML 8Page - NEC UPD3737 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
µPD3737
5
Saturation voltage
Vsat
1.0
1.5
V
Saturation exposure
SE
Daylight color fluorescent lamp
0.2
lx·s
Photo response non-uniformity
PRNU
VOUT = 500 mV
±5
±10
%
Average dark signal
ADS
Light shielding
1.0
3.0
mV
Dark signal non-uniformity
DSNU
Light shielding
–3
+3
+6
mV
–1
Power consumption
PW
100
mW
Output impedance
ZO
0.2
0.5
k
Ω
Response
RF
Daylight color fluorescent lamp
6
7.5
9
V/lx·s
Response peak wavelength
550
nm
Image lag
IL
VOUT = 1 V
0.3
1
%
Offset level
VOS
2.0
3.0
5.0
V
Input capacity of shift register clock
C
φ1
800
pF
pin
C
φ2
Input capacity of last-stage shift
C
φ1L
50
pF
register clock pin
C
φ2L
Input capacity of reset pin
C
φR
10
pF
Input capacity of transfer gate clock
C
φTG
150
pF
pin
Output fall delay time
tdNote
Time from 90 % to 10 % of
φ2L fall
25
ns
is 5ns.
Register imbalance
RI
VOUT = 500 mV
0
4
%
Transfer efficiency
TTE
VOUT = 500 mV, f
φR1 = 20 MHz
92
98
%
Dynamic range
DR
Vsat/DSNU
500
times
Reset feed-through noise
RFSN
Light shielding
250
500
mV
ELECTRICAL CHARACTERISTICS
Ta = +25
°C, VDD = 12 V, fφ1 = 0.5 MHz, data rate = 1 MHz, storage time = 10 ms
light source: 3200 K halogen lamp + C500 (infrared cut filter), input clock = 5 VP-P
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Note td is defined as a time from 10 % of
φ2L to 10 % of VOUT, output after passing through two steps of emitter
follower in the application example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com