Electronic Components Datasheet Search
  English  ▼

X  

UPD3737 Datasheet(PDF) 10 Page - NEC

Part # UPD3737
Description  5150-BIT CCD LINEAR IMAGE SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3737 Datasheet(HTML) 10 Page - NEC

Back Button UPD3737 Datasheet HTML 6Page - NEC UPD3737 Datasheet HTML 7Page - NEC UPD3737 Datasheet HTML 8Page - NEC UPD3737 Datasheet HTML 9Page - NEC UPD3737 Datasheet HTML 10Page - NEC UPD3737 Datasheet HTML 11Page - NEC UPD3737 Datasheet HTML 12Page - NEC UPD3737 Datasheet HTML 13Page - NEC UPD3737 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
µPD3737
10
RI =
OFF
ON
VOUT
V 1
VOUT
Light
TG
φ
x 100 (%)
V1
VOUT
IL =
1
n
Vj
j
=1
n
∑
x 100 (%)
2
n
V
2 j–1 –V2 j
(
)
j
=1
n
2
∑
6.
Output impedance: Zo
Output pin impedance viewed from outside.
7.
Response: R
Output voltage divided by exposure (lx•s).
Note that the response varies with the light source.
8.
Image Lag: IL
The rate between the last output voltage and the next one after read out the data of a line.
9.
Register Imbalance: RI
The rate of the difference between the average of the output voltage of Odd and Even bits, against the average
output voltage of all the valid bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com