Electronic Components Datasheet Search
  English  ▼

X  

UPD3739 Datasheet(PDF) 18 Page - NEC

Part # UPD3739
Description  5000 PIXELS CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3739 Datasheet(HTML) 18 Page - NEC

Back Button UPD3739 Datasheet HTML 14Page - NEC UPD3739 Datasheet HTML 15Page - NEC UPD3739 Datasheet HTML 16Page - NEC UPD3739 Datasheet HTML 17Page - NEC UPD3739 Datasheet HTML 18Page - NEC UPD3739 Datasheet HTML 19Page - NEC UPD3739 Datasheet HTML 20Page - NEC UPD3739 Datasheet HTML 21Page - NEC UPD3739 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
µPD3739
18
APPLICATION CIRCUIT EXAMPLE (Out of phase operation)
PD3739
GND
NC
VOUT1
NC
200
Ω
200
Ω
0.1 F
10 F/16 V
1000 pF
1000 pF
0.1 F 10 F/16 V
0.1 F 47 F/25 V
47
Ω
2
Ω
2
Ω
47
Ω
2
Ω
2
Ω
2
Ω
R1
2L1
NC
21
11
NC
NC
NC
NC
VOUT2
VOD
R2
1L2
NC
22
12
TG
NC
1
2
3
4
5
6
7
9
10
11
8
22
21
20
19
18
17
16
14
13
12
15
B1
B2
+5 V
R1
2
R2
1
TG
+5 V
10
Ω
+12 V
+
+
+
µ
µ
µµ
µµ
µ
φ
φφ
φ
φ
φ
φφ
φ
φ
φ
φ
φ
φ
Remarks 1. The
µPD3739 can be operated leaving pin 2 (NC) unconnected, and connecting pin 4 (NC) and pin 11
(NC) to a +12 V power supply (when replaces the
µPD35H71A).
2. It is recommended that pins 6 (
φ2L1) and 17 (φ1L2) each is separately driven a driver other than that
of pins 10, 13 (
φ11, φ12) and pins 9, 14 (φ21, φ22).
3. The inverters shown in the above application circuit example are the 74AC04.
+12 V
110
Ω
4.7 k
Ω
47 F/25V
2SA1005
2SC945
1 k
Ω
47
Ω
+
CCD
VOUT
B1, B2 EQUIVALENT CIRCUIT
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com