Electronic Components Datasheet Search
  English  ▼

X  

LT1381 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1381
Description  Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1381 Datasheet(HTML) 5 Page - Linear Technology

  LT1381 Datasheet HTML 1Page - Linear Technology LT1381 Datasheet HTML 2Page - Linear Technology LT1381 Datasheet HTML 3Page - Linear Technology LT1381 Datasheet HTML 4Page - Linear Technology LT1381 Datasheet HTML 5Page - Linear Technology LT1381 Datasheet HTML 6Page - Linear Technology LT1381 Datasheet HTML 7Page - Linear Technology LT1381 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1381
PI FU CTIO S
C1+, C1–, C2 +, C2 – (Pins 1, 3, 4, 5): Commutating
Capacitor Inputs. These pins require two external capaci-
tors C
≥ 0.1µF: one from C1+ to C1– and another from C2+
to C2 –. C1 may be deleted if a separate 12V supply is
available and connected to pin C1+.
V+ (Pin 2): Positive Supply Output (RS232 Drivers).
V+
≈ 2VCC – 2.1V. This pin requires an external charge
storage capacitor C
≥ 0.1µF, tied to ground or VCC. Larger
value capacitors may be used to reduce supply ripple. With
multiple transceivers, the V+ and V – pins may be paralleled
into common capacitors.
V– (Pin 6): Negative Supply Output (RS232 Drivers).
V –
≈ –(2VCC – 3V). This pin requires an external charge
storage capacitor C
≥ 0.1µF. Larger value capacitors may
be used to reduce supply ripple. With multiple transceiv-
ers, the V+ and V – pins may be paralleled into common
capacitors.
TR2 OUT, TR1 OUT (Pin 7, 14): Driver Outputs at RS232
Voltage Levels. Driver output swing meets RS232 levels
for loads up to 3k. Slew rates are controlled for lightly
loaded lines. Output current capability is sufficient for
load conditions up to 2500pF. Outputs are in a high
impedance state when VCC = 0V. Outputs are fully short-
circuit protected from V – + 25V to V + – 25V. Applying
higher voltages will not damage the device if the over-
drive is moderately current limited. Short circuits on one
output can load the power supply generator and may
disrupt the signal levels of the other outputs. The driver
outputs are protected against ESD to
±10kV for human
body model discharges.
REC2 IN, REC1 IN (Pins 8, 13): Receiver Inputs. These
pins accept RS232 level signals (
±30V)intoaprotected5k
terminating resistor. The receiver inputs are protected
against ESD to
±10kV for human body model discharges.
Each receiver provides 0.4V of hysteresis for noise immu-
nity. Open receiver inputs assume a logic low state.
REC2 OUT, REC1 OUT (Pins 9, 12): Receiver Outputs with
TTL/CMOS Voltage Levels. Outputs are fully short-circuit
protected to ground or VCC with the power ON or OFF.
TR2 IN, TR1 IN (Pins 10, 11): RS232 Driver Input Pins.
These inputs are TTL/CMOS compatible. Inputs should
not be allowed to float. Tie unused inputs to VCC.
GND (Pin 15): Ground Pin.
VCC (Pin 16): 5V Input Supply Pin. This pin should be
decoupled with a 0.1
µF ceramic capacitor close to the
package pin. Insufficient supply bypassing can result in
low output drive levels and erratic charge pump operation.
ESD PROTECTIO
The RS232 line inputs of the LT1381 have on-chip protec-
tion from ESD transients up to
±10kV. The protection
structures act to divert the static discharge safely to
system ground. In order for the ESD protection to function
effectively, the power supply and ground pins of the circuit
must be connected to ground through low impedances.
The power supply decoupling capacitors and charge pump
storage capacitors provide this low impedance in normal
application of the circuit. The only constraint is that low
ESR capacitors must be used for bypassing and charge
storage. ESD testing must be done with pins VCC, V+, V –
and GND shorted to ground or connected with low ESR
capacitors.
ESD Test Circuit
LT1381 • ESD TC
0.1
µF
RS232
LINE PINS
PROTECTED
TO
±10kV
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
0.1
µF
0.1
µF
0.1
µF
C1+
V+
C1–
C2+
C2–
V–
TR2 OUT
LT1381
0.1
µF
5V VCC
GND
TR1 OUT
REC1 IN
REC1 OUT
TR1 IN
TR2 IN
RS232
LINE PINS
PROTECTED
TO
±10kV
REC2 IN
REC2 OUT
+
+
+
+
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com