Electronic Components Datasheet Search
  English  ▼

X  

LT1381 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1381
Description  Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1381 Datasheet(HTML) 6 Page - Linear Technology

  LT1381 Datasheet HTML 1Page - Linear Technology LT1381 Datasheet HTML 2Page - Linear Technology LT1381 Datasheet HTML 3Page - Linear Technology LT1381 Datasheet HTML 4Page - Linear Technology LT1381 Datasheet HTML 5Page - Linear Technology LT1381 Datasheet HTML 6Page - Linear Technology LT1381 Datasheet HTML 7Page - Linear Technology LT1381 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1381
TYPICAL APPLICATIO S
Isolated RS232 Driver/Receiver
ILIM
LT1111
FB
SW2
VIN
SW1
GND
1N5818
L1
20
µH
CTX20-1
1:1
47
Ω
10k
1k
1N5818
100
µF
1
Ω
LT1121-5
100
µF
VIN = 5V
±10% FROM
SYSTEM
5V
±10%
VCC
GND1
IN
GND2
13.7V
LT1381
RS232
GND2
OS
GND1
VCC
OS
IN
1
3
4
5
16
2
6
98
11
14
RS232 INPUT
RS232 OUTPUT
VOUT
VIN
ISOLATOR OUTPUT
(DATA TO SYSTEM)
ISOLATOR INPUT
(DATA FROM SYSTEM)
LTC1145
LTC1145
ISOLATION BARRIER
FLOATING GROUND
LT1381 • TA03
RX
DX
VCC
15
SYSTEM GROUND
+
+
10
µF
+
0.1
µF
+
0.1
µF
+
0.1
µF
+
0.1
µF
1
µF
0.1
µF
+
ISOLATOR
OUTPUT
RS232
INPUT
ISOLATOR
INPUT
RS232
OUTPUT
Data Transmission Across Isolation Barrier
1381 TA04
1381 TA05



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com