Electronic Components Datasheet Search
  English  ▼

X  

LT1935 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1935
Description  1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1935 Datasheet(HTML) 4 Page - Linear Technology

  LT1935 Datasheet HTML 1Page - Linear Technology LT1935 Datasheet HTML 2Page - Linear Technology LT1935 Datasheet HTML 3Page - Linear Technology LT1935 Datasheet HTML 4Page - Linear Technology LT1935 Datasheet HTML 5Page - Linear Technology LT1935 Datasheet HTML 6Page - Linear Technology LT1935 Datasheet HTML 7Page - Linear Technology LT1935 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1935
1935f
SW (Pin 1): Switch Pin. Connect inductor/diode here.
Minimize trace area at this pin to reduce EMI.
GND (Pin 2): Ground. Tie directly to local ground plane.
FB (Pin 3): Feedback Pin. Reference voltage is 1.265V.
Connect resistive divider tap here. Minimize trace area at
FB. Set VOUT according to VOUT = 1.265V(1 + R1/R2).
PI FU CTIO S
SHDN (Pin 4): Shutdown Pin. Tie to 1.8V or more to enable
device. Ground to shut down. This pin also provides a soft-
start function; see Applications Information section.
VIN (Pin 5): Input Supply Pin. Must be locally bypassed.
BLOCK DIAGRA
Figure 2. Block Diagram
–
+
RQ
S
0.01Ω
SW
DRIVER
COMPARATOR
2
1
VIN 5
SHDN
4
FB
3
–
+
Σ
RAMP
GENERATOR
1.265V
REFERENCE
RC
CC
1.2MHz
OSCILLATOR
GND
1935 BD
Q1
A2
A1
R1 (EXTERNAL)
R2 (EXTERNAL)
FB
VOUT
x15
OPERATIO
The LT1935 uses a constant frequency, current mode
control scheme to provide excellent line and load regula-
tion. Operation can be best understood by referring to the
Block Diagram in Figure 2. At the start of each oscillator
cycle, the SR latch is set, turning on the power switch Q1.
A voltage proportional to the switch current is added to a
stabilizing ramp and the resulting sum is fed into the
positive terminal of the PWM comparator, A2. When this
voltage exceeds the level at the negative input of A2, the
SR latch is reset, turning off the power switch. The level
at the negative input of A2 is set by error amplifier A1, and
is simply an amplified version of the difference between
the feedback voltage and the reference voltage of 1.265V.
In this manner, the error amplifier sets the correct peak
current level to keep the output in regulation. If the error
amplifier’s output increases, more current is delivered to
the output; if it decreases, less current is delivered. A
clamp on the output of A1 (not shown) limits the switch
current to 3A. A1’s output is also clamped to the voltage
on the SHDN pin, providing a soft-start function by con-
trolling the peak switch current during start-up.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com