Electronic Components Datasheet Search
  English  ▼

X  

LTC1337 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1337
Description  5V Low Power RS232 3-Driver/5-Receiver Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1337 Datasheet(HTML) 1 Page - Linear Technology

  LTC1337 Datasheet HTML 1Page - Linear Technology LTC1337 Datasheet HTML 2Page - Linear Technology LTC1337 Datasheet HTML 3Page - Linear Technology LTC1337 Datasheet HTML 4Page - Linear Technology LTC1337 Datasheet HTML 5Page - Linear Technology LTC1337 Datasheet HTML 6Page - Linear Technology LTC1337 Datasheet HTML 7Page - Linear Technology LTC1337 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1337
1337fa
5V Low Power RS232
3-Driver/5-Receiver Transceiver
■
Low Supply Current: 300µA
■
ESD Protection: Over ±10kV
■
1µA Supply Current in Shutdown
■
Operates from a Single 5V Supply
■
Uses Small Capacitors: 0.1µF
■
Operates to 120k Baud
■
Three-State Outputs Are High Impedance When Off
■
Output Overvoltage Does Not Force Current Back into
Supplies
■
RS232 I/O Lines Can Be Forced to ±25V without
Damage
■
Pin Compatible with LT
®1137A and LT1237
■
Flowthrough Architecture
The LTC
®1337 is a 3-driver/5-receiver RS232 transceiver
with very low supply current. In the no load condition, the
supply current is only 300µA. The charge pump only
requires four 0.1µF capacitors and can supply up to 12mA
of extra current to power external circuitry.
In Shutdown mode, the supply current is further reduced
to 1µA. All RS232 outputs assume a high impedance state
in Shutdown and with the power off.
The LTC1337 is fully compliant with all data rate and
overvoltage RS232 specifications. The transceiver can
operate up to 120k baud with a 1000pF// 3kΩ load. Both
driver outputs and receiver inputs can be forced to ±25V
without damage, and can survive multiple ±10kV ESD
strikes.
■
Notebook Computers
■
Palmtop Computers
3-Drivers/5-Receivers with Shutdown
Supply Current
TEMPERATURE (°C)
600
500
400
300
200
100
0
20
40
60
1337 TA02
80
0
–20
1.2
1.0
0.8
0.6
0.4
0.2
0
QUIESCENT
CURRENT
SHUTDOWN
CURRENT
TEST CONDITION:
VCC = 5V, ALL DRIVER INPUTS TIED TO VCC
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
1337 TA01
VCC
C1
0.1µF
LTC1337
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DRIVER 1 OUT
RX1 IN
DRIVER 2 OUT
RX2 IN
RX3 IN
RX4 IN
DRIVER 3 OUT
RX5 IN
ON/OFF
28
27
26
25
24
23
22
21
20
19
18
17
16
15
C3
0.1µF
DRIVER 1 IN
RX1 OUT
DRIVER 2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DRIVER 3 IN
RX5 OUT
V–
V+
C2
0.1µF
C4
0.1µF
GND


Similar Part No. - LTC1337

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1337 LINER-LTC1337 Datasheet
233Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1337C LINER-LTC1337C Datasheet
233Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1337CG LINER-LTC1337CG Datasheet
233Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1337CG LINER-LTC1337CG Datasheet
128Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1337CN LINER-LTC1337CN Datasheet
233Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver
More results

Similar Description - LTC1337

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1337 LINER-LTC1337 Datasheet
233Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1338 LINER-LTC1338 Datasheet
222Kb / 8P
5V Low Power RS232 5-Driver/3-Receiver Transceiver
LTC1347 LINER-LTC1347 Datasheet
221Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1348 LINER-LTC1348 Datasheet
243Kb / 8P
3.3V/5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1349 LINER-LTC1349 Datasheet
221Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in SHUTDOWN
LTC1337 LINER-LTC1337_1 Datasheet
128Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1347 LINER-LTC1347_1 Datasheet
119Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1347 LINER-LTC1347_15 Datasheet
125Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1348 LINER-LTC1348_15 Datasheet
229Kb / 8P
3.3V/5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1338 LINER-LTC1338_15 Datasheet
208Kb / 8P
5V Low Power RS232 5-Driver/3-Receiver Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com