Electronic Components Datasheet Search
  English  ▼

X  

LTC1337 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1337
Description  5V Low Power RS232 3-Driver/5-Receiver Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1337 Datasheet(HTML) 4 Page - Linear Technology

  LTC1337 Datasheet HTML 1Page - Linear Technology LTC1337 Datasheet HTML 2Page - Linear Technology LTC1337 Datasheet HTML 3Page - Linear Technology LTC1337 Datasheet HTML 4Page - Linear Technology LTC1337 Datasheet HTML 5Page - Linear Technology LTC1337 Datasheet HTML 6Page - Linear Technology LTC1337 Datasheet HTML 7Page - Linear Technology LTC1337 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1337
1337fa
TYPICAL PERFOR A CE CHARACTERISTICS
VCC Supply Current
TEMPERATURE (°C)
0
60
45
40
35
30
25
20
15
10
5
0
1337 G05
20
70
10
30
40
50
VOUT = –20V
VOUT = 20V
TEMPERATURE (°C)
0
60
20
16
14
12
10
8
6
4
2
0
1337 G04
20
70
10
30
40
50
3 DRIVERS LOADED
RL = 3k
1 DRIVER LOADED
RL = 3k
Driver Short-Circuit Current
Driver Leakage in Shutdown
Receiver Short-Circuit Current
Driver Output Waveforms
INPUT
DRIVER
OUTPUT
RL = 3k
DRIVER
OUTPUT
RL = 3k
CL = 2500pF
Receiver Output Waveforms
RX
OUTPUT
CL = 50pF
INPUT
TEMPERATURE (°C)
0
60
20
18
16
14
12
10
8
6
4
2
1337 G06
20
70
10
30
40
50
ISC
+
ISC
–
TEMPERATURE (°C)
0
60
55
50
45
40
35
30
25
20
15
10
1337 G07
20
70
10
30
40
50
ISC
+
ISC
–
PI FU CTIO S
VCC: 5V Input Supply Pin. Supply current less than 1µA in
the Shutdown mode. This pin should be decoupled with a
0.1µF ceramic capacitor.
GND: Ground Pin.
ON/OFF: TTL/CMOS Compatible Shutdown Pin. A logic
low puts the device in the Shutdown mode which reduces
input supply current to less than 1µA and places all drivers
and receivers in high impedance state. This pin cannot
float.
V+: Positive Supply Output (RS232 Drivers). V+ ≅ 2VCC –
1V. This pin requires an external capacitor C = 0.1µF for
charge storage. The capacitor may be tied to ground or 5V.
With multiple devices, the V + and V – pins may be paral-
leled into common capacitors. For large numbers of
devices, increasing the size of the shared common storage
capacitors is recommended to reduce ripple.
V–: Negative Supply Output (RS232 Drivers). V– ≅ (2VCC
–1.5V). This pin requires an external capacitor C = 0.1µF
for charge storage.
C1+, C1–, C2+, C2–: Commutating Capacitor Inputs. These
pins require two external capacitors C = 0.1µF. One from
C1+ to C1–, and another from C2+ to C2–. To maintain
charge pump efficiency, the capacitor’s effective series
resistance should be less than 50Ω.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com