Electronic Components Datasheet Search
  English  ▼

X  

LTC1340 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1340
Description  Low Noise, Voltage-Boosted Varactor Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1340 Datasheet(HTML) 1 Page - Linear Technology

  LTC1340 Datasheet HTML 1Page - Linear Technology LTC1340 Datasheet HTML 2Page - Linear Technology LTC1340 Datasheet HTML 3Page - Linear Technology LTC1340 Datasheet HTML 4Page - Linear Technology LTC1340 Datasheet HTML 5Page - Linear Technology LTC1340 Datasheet HTML 6Page - Linear Technology LTC1340 Datasheet HTML 7Page - Linear Technology LTC1340 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1340
TYPICAL APPLICATION
Low Noise, Voltage-Boosted
Varactor Driver
FREQUENCY (120kHz/DIV)
0dB
1340 TA02
900MHz
VCC = 3V
COUT = 270pF
Spectral Plot of VCO Output Driven by LTC1340
Resolution Bandwidth = 300Hz
DESCRIPTION
FEATURES
TheLTC®1340isavaractordiodedriverdesignedtogenerate
5V varactor drive from a single 3V or higher voltage supply.
It includes a low noise amplifier with an internal gain of 2.3
and a self-contained charge pump to generate output volt-
ages above the input supply. The amplifier input stage
includesabuilt-inoffsetvoltagethatallowstheoutputvoltage
to swing to ground without requiring OV on the input. This
featuremaintainsthephasedetectorwithinitslinearrangeof
operation. The LTC1340 requires only three external surface
mount capacitors to implement a complete varactor driver
module.
The LTC1340 features output referred noise of 15
µVRMS,
minimizing frequency deviation in PLL frequency synthe-
sizer systems. Supply current is 400
µA typically with a 3V
supply,anddropsto1
µAinshutdown,maximizingoperating
lifeinbattery-poweredsystems.Amplifierbandwidthisuser-
adjustable from 10kHz up to 500kHz and the output typically
sinks or sources 20
µA, allowing fast output signal changes
with a typical varactor load. The amplifier input features rail-
to-rail input common mode range, allowing it
to interface with the output of virtually any phase detector
circuit.
The LTC1340 is available in MS8 and SO-8 packages.
Low Voltage Frequency Synthesizer
LTC1340
PGND
CP
VCO
AVCC
AV = 2.3
VCC
0V TO 5V
IN
1
8
7
6
2
3
4
5
3V
1340 TA01
OUT
LOOP
FILTER
SHDN
SHUTDOWN
AGND
270pF
0.1
µF
0.1
µF
PHASE
DETECTOR
, LTC and LT are registered trademarks of Linear Technology Corporation.
I
Generates 5V Varactor Drive from a 3V Supply
I
Wide Supply Voltage Range: 2.7V to 6V
I
Requires Only Three External Components
I
Micropower Operation: 400
µA at 3V Supply
I
Shutdown Mode Drops Supply Current Below 1
µA
I
Low Output Noise: 15
µVRMS
I
Amplifier Gain: 2.3
I
Up to 500kHz Signal Bandwidth
I
MS8 and SO-8 Packages
I
Very Low Input Bias Current: 10nA Max
I
Amplifier Offset Maintains Phase Detector
in Linear Region
APPLICATIONS
I
5V Varactor Drive from a Single Li-Ion Cell
I
5V Varactor Drive from Three NiCd/NiMH Cells
I
Cellular Telephones
I
Portable RF Equipment
I
Radio Modems
I
Wireless Data Transmission
FOR INFORMATION PURPOSES ONLY
OBSOLETE:
Contact Linear Technology for Potential Replacement


Similar Part No. - LTC1340

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1340 LINER-LTC1340 Datasheet
240Kb / 8P
Low Noise, Voltage-Boosted Varactor Driver
LTC1340CMS8 LINER-LTC1340CMS8 Datasheet
240Kb / 8P
Low Noise, Voltage-Boosted Varactor Driver
LTC1340CS8 LINER-LTC1340CS8 Datasheet
240Kb / 8P
Low Noise, Voltage-Boosted Varactor Driver
More results

Similar Description - LTC1340

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1340 LINER-LTC1340 Datasheet
240Kb / 8P
Low Noise, Voltage-Boosted Varactor Driver
logo
Zetex Semiconductors
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
logo
Tyco Electronics
MA4ST1300 MACOM-MA4ST1300 Datasheet
81Kb / 5P
Low Voltage/Low Rs Silicon Hyperabrupt Varactor Diode
logo
Melexis Microelectronic...
US168 MELEXIS-US168 Datasheet
624Kb / 13P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
logo
M/A-COM Technology Solu...
MA4ST1300 MA-COM-MA4ST1300 Datasheet
85Kb / 5P
Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
logo
Melexis Microelectronic...
US168 MELEXIS-US168_14 Datasheet
1Mb / 13P
Low Noise & Low voltage Single-Coil Fan & Motor Driver
logo
M/A-COM Technology Solu...
MA4ST1300 MA-COM-MA4ST1300_15 Datasheet
86Kb / 5P
Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
logo
Major-Power Technology ...
MA7150F MPOWER-MA7150F Datasheet
417Kb / 7P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7151F MPOWER-MA7151F Datasheet
484Kb / 11P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7152F MPOWER-MA7152F Datasheet
293Kb / 10P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com