Electronic Components Datasheet Search
  English  ▼

X  

LTC1340 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1340
Description  Low Noise, Voltage-Boosted Varactor Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1340 Datasheet(HTML) 4 Page - Linear Technology

  LTC1340 Datasheet HTML 1Page - Linear Technology LTC1340 Datasheet HTML 2Page - Linear Technology LTC1340 Datasheet HTML 3Page - Linear Technology LTC1340 Datasheet HTML 4Page - Linear Technology LTC1340 Datasheet HTML 5Page - Linear Technology LTC1340 Datasheet HTML 6Page - Linear Technology LTC1340 Datasheet HTML 7Page - Linear Technology LTC1340 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1340
3000
2800
2600
2400
2200
2000
1800
1600
1400
1200
1000
1340 G07
TEMPERATURE (
°C)
–50
0
–25
25
50
75
100
125
VCC = 6V
VOUT = 1/2AVCC
VSHDN = VCC
VCC = 5V
VCC = 2.7V
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
0
700
650
600
550
500
450
400
350
300
1340 G09
–25
25
50
75
100
125
VSHDN = VCC
VCC = 6V
VCC = 5V
VCC = 2.7V
Supply Current vs Temperature
Transconductance vs
Temperature
GSM 900 MS Spectrum Due to
Modulation
FREQUENCY FROM THE CARRIER(kHz)
0
–66
10
0
–10
–20
–30
–40
–50
–60
–80
–90
400
1200 1800
1340 G10
200
600
3000 6000
–70
MEASUREMENT
BANDWIDTH
30kHz
MEASUREMENT
BANDWIDTH
100kHz
DATA TAKEN ON
LTC DEMO BOARD DC152
LTC1340
SUPPLY VOLTAGE (V)
2.5
3.5
3.0
4.5
4.0
5.5
6.0
5.0
6.5
1340 G08
900
800
700
600
500
400
300
200
TA = 25°C
VSHDN = VCC
Supply Current vs Supply Voltage
Rail-to-Rail Step Response at
VCC = 2.7V
VIN = 0.3V TO 2.6V
COUT = 1nF
1340 G15
0V
10000
1000
100
10
1
1340 G12
TEMPERATURE (
°C)
–50
0
–25
25
50
75
100
125
VIN = VSHDN = VCC = 5V
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.50
5.0
1.50
0
1340 G11
TEMPERATURE (
°C)
–50
0
–25
25
50
75
100
125
AVCC = 5V
COUT = 1nF
Output Voltage Noise vs
Temperature
Input Bias Current vs
Temperature
TEMPERATURE (
°C)
–50
0
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
1340 G13
–25
25
50
75
100
125
VCC = 6V
VCC = 5V
VCC = 4V
VCC = 3V
VCC = 2.7V
Shutdown Input Threshold vs
Temperature
Rail-to-Rail Step Response at
VCC = 6V
0V
VIN = 0.3V TO 6V
COUT = 1nF
1340 G14



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com