Electronic Components Datasheet Search
  English  ▼

X  

LTC1385 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1385
Description  3.3V Low Power EIA/TIA-562 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1385 Datasheet(HTML) 1 Page - Linear Technology

  LTC1385 Datasheet HTML 1Page - Linear Technology LTC1385 Datasheet HTML 2Page - Linear Technology LTC1385 Datasheet HTML 3Page - Linear Technology LTC1385 Datasheet HTML 4Page - Linear Technology LTC1385 Datasheet HTML 5Page - Linear Technology LTC1385 Datasheet HTML 6Page - Linear Technology LTC1385 Datasheet HTML 7Page - Linear Technology LTC1385 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1385
sn1385 1385fas
3.3V Low Power
EIA/TIA-562 Transceiver
s
Operates from a Single 3.3V Supply
s
Low Supply Current: ICC = 200µA
s
ICC = 35µA in Driver Disable Mode
s
ICC = 0.2µA in Shutdown Mode
s
ESD Protection Over
±10kV
s
Uses Small Capacitors: 0.1
µF
s
Operates to 120kBaud
s
Output Overvoltage Does Not Force Current
Back into Supplies
s
EIA/TIA-562 I/O Lines Can Be Forced to
±25V
Without Damage
s
Pin Compatible with LT1180A
The LTC
®1385 is an ultra-low power, 2-driver/2-receiver
EIA / TIA-562 transceiver which operates from a single
3.3V supply. The charge pump requires only four space-
saving 0.1
µF capacitors.
The transceiver operates in one of three modes: Normal,
Driver Disable or Shutdown. In the Normal mode, ICC is
only 200
µAintheunloadedcondition.IntheDriverDisable
mode, the charge pump is turned off, the driver outputs
are forced into three-state, both receivers are kept active,
and ICC drops to 35µA. In the Shutdown mode, everything
is turned off and ICC drops to 0.2µA.
The LTC1385 is fully compliant with all data rate and
overvoltage EIA / TIA-562 specifications. The transceiver
can operate up to 120kbaud with a 1000pF, 3k
Ω load.
Both driver outputs and receiver inputs can be forced to
±25V without damage, and can survive multiple ±10kV
ESD strikes.
s
Notebook Computers
s
Palmtop Computers
Quiescent and Shutdown Supply Current
vs Temperature
2-Drivers/2-Receivers with Shutdown
and Driver Disable
TEMPERATURE (
°C)
600
500
400
300
200
100
0
20
40
60
LTC1385 • TA02
80
0
1.2
1.0
0.8
0.6
0.4
0.2
0
QUIESCENT
CURRENT
SHUTDOWN
CURRENT
TEST CONDITION: VCC = 3.3V
–20
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
LTC1385 • TA01
0.1
µF
0.1
µF
0.1
µF
0.1
µF
LTC1385
DRIVER DISABLE
2
4
5
6
12
11
13
10
18
14
9
16
1
LOGIC INPUT
LOGIC INPUT
LOGIC OUTPUT
LOGIC OUTPUT
ON/OFF
17
3
7
15
562 OUTPUT
VCC = 3.3V
562 OUTPUT
562 INPUT
562 INPUT
5k
5k
300k
VCC
300k
VCC
8


Similar Part No. - LTC1385

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1385 LINER-LTC1385 Datasheet
216Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
LTC1385 LINER-LTC1385 Datasheet
115Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
logo
Linear Dimensions Semic...
LTC1385 LINEAR_DIMENSIONS-LTC1385 Datasheet
223Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Technology
LTC1385CG LINER-LTC1385CG Datasheet
216Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
LTC1385CG LINER-LTC1385CG Datasheet
207Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
More results

Similar Description - LTC1385

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1327 LINER-LTC1327 Datasheet
223Kb / 8P
3.3V Micropower EIA/TIA-562 Transceiver
LTC1350 LINER-LTC1350 Datasheet
219Kb / 8P
3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
LTC1385 LINER-LTC1385 Datasheet
216Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
logo
Maxim Integrated Produc...
MAX560 MAXIM-MAX560 Datasheet
340Kb / 8P
3.3V Transceiver with Wow EIA/TIA-562 Receivers Active in Shutdown
Rev 0; 5/92
MAX563 MAXIM-MAX563 Datasheet
70Kb / 8P
3.3V-Powered, EIA/TIA-562 Dual Transceiver with Receivers Active in Shutdown
Rev 0; 10/93
logo
Linear Technology
LTC1385 LINER-LTC1385_1 Datasheet
207Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
LTC1350 LINER-LTC1350_1 Datasheet
117Kb / 8P
3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver
logo
Linear Dimensions Semic...
LTC1385IG-PBF LINEAR_DIMENSIONS-LTC1385IG-PBF Datasheet
223Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Technology
LTC1350 LINER-LTC1350_15 Datasheet
122Kb / 8P
3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
LTC1327 LINER-LTC1327_15 Datasheet
204Kb / 8P
3.3V Micropower EIA/TIA-562 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com