Electronic Components Datasheet Search
  English  ▼

X  

LTC1385 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1385
Description  3.3V Low Power EIA/TIA-562 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1385 Datasheet(HTML) 3 Page - Linear Technology

  LTC1385 Datasheet HTML 1Page - Linear Technology LTC1385 Datasheet HTML 2Page - Linear Technology LTC1385 Datasheet HTML 3Page - Linear Technology LTC1385 Datasheet HTML 4Page - Linear Technology LTC1385 Datasheet HTML 5Page - Linear Technology LTC1385 Datasheet HTML 6Page - Linear Technology LTC1385 Datasheet HTML 7Page - Linear Technology LTC1385 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1385
sn1385 1385fas
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Any Receiver
Input Voltage Thresholds
Input Low Threshold
q
0.8
1.3
V
Input High Threshold
q
1.7
2.4
V
Hysteresis
q
0.1
0.4
1.0
V
Input Resistance
– 10V
≤ VIN ≤ 10V
3
5
7
k
Ω
Output Voltage
Output Low, IOUT = – 1.6mA (VCC = 3.3V)
q
0.2
0.4
V
Output High, IOUT = 160µA (VCC = 3.3V)
q
3.0
3.2
V
Output Short-Circuit Current
Sinking Current, VOUT = VCC
–5
– 20
mA
Sourcing Current, VOUT = 0V
2
7
mA
Output Leakage Current
Shutdown (Note 4), 0V
≤ VOUT ≤ VCC
q
110
µA
Power Supply Generator
V+ Output Voltage
IOUT = 0mA
5.7
V
IOUT = 5mA
5.5
V
V– Output Voltage
IOUT = 0mA
– 5.3
V
IOUT = – 5mA
– 5.0
V
Supply Rise Time
Shutdown or Driver Disable to Turn-On
0.2
ms
Power Supply
VCC Supply Current
No Load (Note 2), 0
°C to 70°C
q
0.2
0.5
mA
No Load (Note 2), – 40
°C to 85°C
q
3.5
1.0
mA
Supply Leakage Current (VCC)
Shutdown (Note 4)
q
0.2
10
µA
Driver Disable (Note 3)
q
35
50
µA
Digital Input Threshold Low
q
1.4
0.8
V
Digital Input Threshold High
q
2.0
1.4
V
DC ELECTRICAL CHARACTERISTICS
AC CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Slew Rate
RL = 3k, CL = 51pF
8
30
V/
µs
RL = 3k, CL = 1000pF
3
5
V/
µs
Driver Propagation Delay
tHLD (Figure 1)
q
2
3.5
µs
(TTL to EIA / TIA-562)
tLHD (Figure 1)
q
2
3.5
µs
Receiver Propagation Delay
tHLR (Figure 2)
q
0.3
0.8
µs
(EIA / TIA-562 to TTL)
tLHR (Figure 2)
q
0.2
0.8
µs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Supply current is measured with driver and receiver outputs
unloaded.
Note 3: Measurements made in the Driver Disable mode are performed
with VDRIVER DISABLE = GND and VON/OFF = VCC.
Note 4: Measurements made in the Shutdown mode are performed with
VON/OFF = 0V.
The q denotes specifications which apply over the full operating temperature range.
VCC = 3.3V, C1 = C2 = C3 = C4 = 0.1µF, unless noted.
The q denotes specifications which apply over the full operating
temperature range. VCC = 3.3V, C1 = C2 = C3 = C4 = 0.1µF, VON/OFF = VCC, Driver Disable = VCC, unless noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com