Electronic Components Datasheet Search
  English  ▼

X  

LTC1390 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1390
Description  8-Channel Analog Multiplexer with Serial Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1390 Datasheet(HTML) 3 Page - Linear Technology

  LTC1390 Datasheet HTML 1Page - Linear Technology LTC1390 Datasheet HTML 2Page - Linear Technology LTC1390 Datasheet HTML 3Page - Linear Technology LTC1390 Datasheet HTML 4Page - Linear Technology LTC1390 Datasheet HTML 5Page - Linear Technology LTC1390 Datasheet HTML 6Page - Linear Technology LTC1390 Datasheet HTML 7Page - Linear Technology LTC1390 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1390
sn1390 1390fs
ELECTRICAL C
C
HARA TERISTICS
V+ = 5V, V– = – 5V, GND = 0V, TA = operating temperature unless otherwise noted.
V+ = 3V, V– = GND = 0V, TA = operating temperature unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch
VANALOG
Analog Signal Range
(Note 2)
q
03
V
RON
On Resistance
VS = 1.2V, ID = 1mA
TMIN
255
Ω
25
°C
200
255
Ω
TMAX
300
Ω
∆RON vs VS
20
%
∆RON vs Temperature
0.5
%/
°C
IS(OFF)
Off Input Leakage
VS = 2.5V, VD = 0.5V; VS = 0.5V, VD = 2.5V (Note 3)
±0.05
±5nA
Channel Off
q
±50
nA
ID(OFF)
Off Output Leakage
VS = 2.5V, VD = 0.5V; VS = 0.5V, VD = 2.5V (Note 3)
±0.05
±5nA
Channel Off
q
±50
nA
ID(ON)
On Channel Leakage
VS = VD = 0.5V, VS = VD = 2.5V (Note 3)
±0.05
±5nA
Channel On
q
±50
nA
Input
VINH
High Level Input Voltage
V+ = 3.3V
q
2.4
V
VINL
Low Level Input Voltage
V+ = 2.7V
q
0.8
V
IINL, IINH
Low or High Level Current
VIN = 3V, VIN = 0V
q
±1
µA
VOH
High Level Output Voltage
V+ = 2.7V, IO = 20µA
2.68
V
V+ = 2.7V, IO = 400µA
q
2
2.27
V
VOL
Low Level Output Voltage
V+ = 2.7V, IO = 20µA
0.01
V
V+ = 2.7V, IO = 300µA
q
0.15
0.8
V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Dynamic
fCLK
Clock Frequency
5
MHz
tON
Enable Turn-On Time
VS = 2.5V, RL = 1k, CL = 35pF
260
400
ns
tOFF
Enable Turn-Off Time
VS = 2.5V, RL = 1k, CL = 35pF
100
200
ns
tOPEN
Break-Before-Make Interval
35
155
ns
OIRR
Off Isolation
VS = 2VP-P, RL = 1k, f = 100kHz
70
dB
OINJ
Charge Injection
RS = 0, CL = 1000pF, VS = 1V (Note 2)
±2
±10
pC
CS(OFF)
Source Off Capacitance
5pF
CD(OFF)
Drain Off Capacitance
10
pF
Supply
I+
Positive Supply Current
All Logic Inputs Tied Together, VIN = 0V or VIN = 5V
q
15
40
µA
I–
Negative Supply Current
All Logic Inputs Tied Together, VIN = 0V or VIN = 5V
q
15
40
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com