Electronic Components Datasheet Search
  English  ▼

X  

LTC1390 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1390
Description  8-Channel Analog Multiplexer with Serial Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1390 Datasheet(HTML) 6 Page - Linear Technology

  LTC1390 Datasheet HTML 1Page - Linear Technology LTC1390 Datasheet HTML 2Page - Linear Technology LTC1390 Datasheet HTML 3Page - Linear Technology LTC1390 Datasheet HTML 4Page - Linear Technology LTC1390 Datasheet HTML 5Page - Linear Technology LTC1390 Datasheet HTML 6Page - Linear Technology LTC1390 Datasheet HTML 7Page - Linear Technology LTC1390 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1390
sn1390 1390fs
APPLICATIO S I FOR ATIO
transmission. Table 1 shows the various bit combinations
for channel selection.
Table 1. Logic Table for Channel Selection
CHANNEL STATUS
EN
B2
B1
B0
All Off
0
X
X
X
S0
1
0
0
0
S1
1
0
0
1
S2
1
0
1
0
S3
1
0
1
1
S4
1
1
0
0
S5
1
1
0
1
S6
1
1
1
0
S7
1
1
1
1
Digital Data Transfer Operation
The block diagram of Figure 3 shows the components
contained within the LTC1390 required for digital data
transfer. Digital data transfer operation can be performed
from Data 1 to Data 2 and vice versa as shown in Figure 4.
When CS is high, Buffer 1 is enabled and Buffer 2 is
disabled. The digital input data is fed into the 4-bit shift
register and then shifted to the MUX switches for channel
Figure 4. Digital Data Transfer Operation
selection or to Data 2 via Buffer 1 for data transfer. Data
appears at Data 2 after the fourth rising edge of the clock.
When CS is low, Buffer 2 is enabled and Buffer 1 is
disabled, thus digital input data is directly transferred from
Data 2 to Data 1 without any clock delay.
Multiplexer Expansion
Several LTC1390s can be daisy-chained to expand the
number of multiplexer inputs. No additional interface
ports are required for the expansion. Figure 5 shows two
LTC1390s connected at their analog outputs to form a 16-
to-1 multiplexer at the input to an LTC1286 A/D converter.
CLK
CS
DATA 1
Hi-Z
DATA OUT
DATA IN
DATA IN
1234
DATA OUT
LTC1390 • F04
DATA 2
4-BIT SHIFT
REGISTER
MUX
SWITCHES
LTC1390 • F03
BUFFER 1
BUFFER 2
DATA 2
CLK
CS
DATA 1
Figure 3. Simplified Block Diagram of the Digital Data
Transfer Operation
Figure 5. Daisy-Chaining Two LTC1390s for Expansion
To ensure that only one channel is switched on at any one
time, two sets of channel selection bits are needed for Data
as shown in Figure 6. The first data sequence is used to
switch off one MUX and the second data sequence is used
to select one channel from the other MUX, or vice versa.
In other words, if bit “ENA” is high and bit “ENB” is low,
one channel of MUX A is switched on and all channels of
MUX B are switched off. If bit “ENA” is low and bit “ENB”
is high, all channels of MUX A are switched off and one
channel of MUX B is switched on.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S0
S1
S2
S3
S4
S5
S6
S7
V +
D
V –
DATA 2
DATA 1
CS
CLK
GND
ANALOG
INPUTS
LTC1390
A
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S0
S1
S2
S3
S4
S5
S6
S7
V +
D
V –
DATA 2
DATA 1
CS
CLK
GND
ANALOG
INPUTS
LTC1390
B
VCC
VCC
VEE
1
2
3
4
8
7
6
5
VREF
+IN
–IN
GND
VCC
CLK
DOUT
CS
LTC1286
LTC1390 • F05
DATA
CLK
CS
VCC
47k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com