Electronic Components Datasheet Search
  English  ▼

X  

LTC1392 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1392
Description  Micropower Temperature, Power Supply and Differential Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1392 Datasheet(HTML) 1 Page - Linear Technology

  LTC1392 Datasheet HTML 1Page - Linear Technology LTC1392 Datasheet HTML 2Page - Linear Technology LTC1392 Datasheet HTML 3Page - Linear Technology LTC1392 Datasheet HTML 4Page - Linear Technology LTC1392 Datasheet HTML 5Page - Linear Technology LTC1392 Datasheet HTML 6Page - Linear Technology LTC1392 Datasheet HTML 7Page - Linear Technology LTC1392 Datasheet HTML 8Page - Linear Technology LTC1392 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1392
Micropower Temperature,
Power Supply and
Differential Voltage Monitor
1
2
3
4
8
7
6
5
VCC
–VIN
+VIN
GND
DIN
DOUT
CLK
CS
LTC1392
LTC1392 • TA01
5V
+
RSENSE
ILOAD
1
µF
MPU
(e.g., 68HC11)
P1.4
P1.3
P1.2
TEMPERATURE (
°C)
–40
5
4
3
2
1
0
–1
–2
–3
–4
–5
0
40
60
LTC1392 • TA02
–20
20
80
100
LTC1392C
GUARANTEED
LIMIT
LTC1392I
GUARANTEED
LIMIT
TYPICAL
DESCRIPTIO
S
FEATURE
s
Complete Ambient Temperature Sensor Onboard
s
System Power Supply Monitor
s
10-Bit Resolution Rail-to-Rail Common-Mode
Differential Voltage Input
s
Available in 8-Pin SO and PDIP
s
0.2
µA Supply Current When Idle
s
700
µA Supply Current When Sampling at
Maximum Rate
s
Single Supply Voltage: 4.5V to 6V
s
3-Wire Half-Duplex Serial I/O
s
Communicates with Most MPU Serial Ports and All
MPU Parallel I/O Ports
The LTC
®1392 is a micropower data acquisition system
designed to measure temperature, on-chip supply voltage
and a differential voltage. The differential inputs feature
rail-to-rail common mode input voltage range. The LTC1392
contains a temperature sensor, a 10-bit A/D converter with
sample-and-hold, a high accuracy bandgap reference and
a 3-wire half-duplex serial interface.
The LTC1392 can be programmed to measure ambient
temperature, power supply voltage and an external volt-
age at the differential input pins, that can also be used for
current measurement using an external sense resistor.
When measuring temperature, the output code of the A/D
converter is linearly proportional to the temperature in
°C.
Production trimming achieves
±2°C initial accuracy at
room temperature and
±4°C over the full –40°C to 85°C
temperature range.
The on-chip serial port allows efficient data transfer to a
wide range of MPUs over three or four wires. This,
coupled with low power consumption, makes remote
location sensing possible and facilitates transmitting
data through isolation barriers.
S
APPLICATI
s
Temperature Measurement
s
Power Supply Measurement
s
Current Measurement
s
Remote Data Acquisition
s
Environment Monitoring
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATI
TYPICAL
Complete Temperature, Supply Voltage and
Supply Current Monitor
Output Temperature Error


Similar Part No. - LTC1392

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1392 LINER-LTC1392 Datasheet
283Kb / 12P
Micropower Temperature, Power Supply and Differential Voltage Monitor
logo
Analog Devices
LTC1392 AD-LTC1392 Datasheet
337Kb / 26P
Quad I2C Voltage, Current and Temperature Monitor
11/18-REV.F
logo
Linear Technology
LTC1392C LINER-LTC1392C Datasheet
283Kb / 12P
Micropower Temperature, Power Supply and Differential Voltage Monitor
LTC1392CN8 LINER-LTC1392CN8 Datasheet
283Kb / 12P
Micropower Temperature, Power Supply and Differential Voltage Monitor
LTC1392CS8 LINER-LTC1392CS8 Datasheet
283Kb / 12P
Micropower Temperature, Power Supply and Differential Voltage Monitor
More results

Similar Description - LTC1392

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
SUPPLY VOLTAGE MONITOR
logo
Linear Technology
LTC1392 LINER-LTC1392 Datasheet
283Kb / 12P
Micropower Temperature, Power Supply and Differential Voltage Monitor
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
Temperature and voltage monitor
August 2008
logo
Zetex Semiconductors
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
SUPPLY VOLTAGE MONITOR
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
SUPPLY VOLTAGE MONITOR
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
SUPPLY VOLTAGE MONITOR
JULY 2006
logo
Texas Instruments
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
Ultralow Power, Supply Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com