Electronic Components Datasheet Search
  English  ▼

X  

LTC1392 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1392
Description  Micropower Temperature, Power Supply and Differential Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1392 Datasheet(HTML) 4 Page - Linear Technology

  LTC1392 Datasheet HTML 1Page - Linear Technology LTC1392 Datasheet HTML 2Page - Linear Technology LTC1392 Datasheet HTML 3Page - Linear Technology LTC1392 Datasheet HTML 4Page - Linear Technology LTC1392 Datasheet HTML 5Page - Linear Technology LTC1392 Datasheet HTML 6Page - Linear Technology LTC1392 Datasheet HTML 7Page - Linear Technology LTC1392 Datasheet HTML 8Page - Linear Technology LTC1392 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1392
RECOM ENDED OPERATING CONDITIONS
The q denotes specifications which apply over the operating temperature
range (0
°C ≤ TA ≤ 70°C for commercial grade and –40°C ≤ TA ≤ 85°C for
industrial grade).
Note 1: Absolute maximum ratings are those values beyond which the life
of the device may be impaired.
Note 2: All voltage values are with respect to GND.
Note 3: Testing done at VCC = 5V, CLK = 250kHz and TA = 25°C unless
otherwise specified.
Note 4: Temperature integral nonlinearity is defined as the deviation of the
A/D code versus temperature curve from the best-fit straight line over the
device’s rated temperature range.
Note 5: Voltage integral nonlinearity is defined as the deviation of a code
from a straight line passing through the actual end points of the transfer
curve.
Note 6: Channel leakage current is measured after the channel selection.
Note 7: See guaranteed temperature limit curves vs temperature range on
the first page of this data sheet.
TYPICAL PERFORMANCE CHARACTERISTICS
Differential Nonlinearity
Power Supply Voltage Mode
Differential Nonlinearity
Integral Nonlinearity
Power Supply Voltage Mode
CODE
256
–1.0
–0.5
0
0.5
1.0
320 384 448 512
1392 G01
576 640 704 768 832
fCLK = 250kHz
TA = 25°C
CODE
256
–1.0
–0.5
0
0.5
1.0
320 384 448 512
1392 G02
576 640 704 768 832
fCLK = 250kHz
TA = 25°C
CODE
256
128
0
–1.0
–0.5
0
0.5
1.0
384 512
1392 G03
640 768 896 1024
Full Scale = 1V
fCLK = 250kHz
TA = 25°C
VCC = 5V
CODE
256
128
0
–1.0
–0.5
0
0.5
1.0
384 512
1392 G04
640 768 896 1024
Full Scale = 1V
fCLK = 250kHz
TA = 25°C
VCC = 5V
Integral Nonlinearity
Integral Nonlinearity
Differential Nonlinearity
CODE
256
128
0
–1.0
–0.5
0
0.5
1.0
384 512
1392 G05
640 768 896 1024
Full Scale = 0.5V
fCLK = 250kHz
TA = 25°C
VCC = 5V
CODE
256
128
0
–1.0
–0.5
0
0.5
1.0
384 512
1392 G06
640 768 896 1024
Full Scale = 0.5V
fCLK = 250kHz
TA = 25°C
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com