Electronic Components Datasheet Search
  English  ▼

X  

UPD3778 Datasheet(PDF) 7 Page - NEC

Part # UPD3778
Description  10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3778 Datasheet(HTML) 7 Page - NEC

Back Button UPD3778 Datasheet HTML 3Page - NEC UPD3778 Datasheet HTML 4Page - NEC UPD3778 Datasheet HTML 5Page - NEC UPD3778 Datasheet HTML 6Page - NEC UPD3778 Datasheet HTML 7Page - NEC UPD3778 Datasheet HTML 8Page - NEC UPD3778 Datasheet HTML 9Page - NEC UPD3778 Datasheet HTML 10Page - NEC UPD3778 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
µPD3778
7
Data Sheet S14374EJ1V0DS00
INPUT PIN CAPACITANCE (TA = +25
°C, VOD = 12 V)
Parameter
Symbol
Pin name
Pin No.
MIN.
TYP.
MAX.
Unit
Shift register clock pin capacitance 1
Cφ1
φ1
11
400
pF
19
400
pF
Shift register clock pin capacitance 2
Cφ2
φ2
14
400
pF
22
400
pF
Reset gate clock pin capacitance
CφRB
φRB
2
15
pF
Reset feed-through level clamp clock pin capacitance CφCLB
φCLB
3
15
pF
Transfer gate clock pin capacitance
CφTG
φTG1
18
120
pF
φTG2
17
120
pF
φTG3
15
120
pF
Remark
Pins 11 and 19 (
φ1), 14 and 22 (φ2) are each connected inside of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com