Electronic Components Datasheet Search
  English  ▼

X  

UPD3778 Datasheet(PDF) 11 Page - NEC

Part # UPD3778
Description  10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3778 Datasheet(HTML) 11 Page - NEC

Back Button UPD3778 Datasheet HTML 7Page - NEC UPD3778 Datasheet HTML 8Page - NEC UPD3778 Datasheet HTML 9Page - NEC UPD3778 Datasheet HTML 10Page - NEC UPD3778 Datasheet HTML 11Page - NEC UPD3778 Datasheet HTML 12Page - NEC UPD3778 Datasheet HTML 13Page - NEC UPD3778 Datasheet HTML 14Page - NEC UPD3778 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
µPD3778
11
Data Sheet S14374EJ1V0DS00
DEFINITIONS OF CHARACTERISTIC ITEMS
1.
Saturation voltage: Vsat
Output signal voltage at which the response linearity is lost.
2.
Saturation exposure: SE
Product of intensity of illumination (IX) and storage time (s) when saturation of output voltage occurs.
3.
Photo response non-uniformity: PRNU
The output signal non-uniformity of all the valid pixels when the photosensitive surface is applied with the light
of uniform illumination. This is calculated by the following formula.
4.
Average dark signal: ADS
Average output signal voltage of all the valid pixels at light shielding. This is calculated by the following formula.
5.
Dark signal non-uniformity: DSNU
Absolute maximum of the difference between ADS and voltage of the highest or lowest output pixel of all the valid
pixels at light shielding. This is calculated by the following formula.
x
Register Dark
DC level
VOUT
∆x
ADS
DSNU
Register Dark
DC level
VOUT
PRNU (%) =
x =
xj : Output voltage of valid pixel number j
∆x
∆x : maximum of xj − x 
x
10600
Σ
j=1
10600
xj
× 100
ADS (mV) =
dj : Dark signal of valid pixel number j
10600
Σ
j=1
10600
dj
dj : Dark signal of valid pixel number j
DSNU (mV) : maximum of
dj − ADS j = 1 to 10600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com