Electronic Components Datasheet Search
  English  ▼

X  

LTC1483 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1483
Description  Ultra-Low Power RS485 Low EMI Transceiver with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1483 Datasheet(HTML) 3 Page - Linear Technology

  LTC1483 Datasheet HTML 1Page - Linear Technology LTC1483 Datasheet HTML 2Page - Linear Technology LTC1483 Datasheet HTML 3Page - Linear Technology LTC1483 Datasheet HTML 4Page - Linear Technology LTC1483 Datasheet HTML 5Page - Linear Technology LTC1483 Datasheet HTML 6Page - Linear Technology LTC1483 Datasheet HTML 7Page - Linear Technology LTC1483 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1483
sn1483 1483fs
VCC = 5V, (Notes 2, 3) unless otherwise noted.
SWITCHI G CHARACTERISTICS
Note 2: All currents into device pins are positive; all currents out ot device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 3: All typicals are given for VCC = 5V and TA = 25°C.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute maximum ratings are those beyond which the safety of
the device cannot be guaranteed.
Supply Current vs Temperature
Receiver
tPLH – tPHL vs
Temperature
TEMPERATURE (
°C)
–50
14
12
10
8
6
4
2
0
25
75
1483 G02
–25
0
50
100
125
Driver Differential Output Voltage
vs Output Current
OUTPUT VOLTAGE (V)
0
70
60
50
40
30
20
10
0
3
1483 G03
12
4
5
TA = 25°C
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
50
350
300
250
200
150
100
50
0
1483 G01
0
–25
25
75
125
175
150
100
DRIVER ENABLED
DRIVER DISABLED
THERMAL SHUTDOWN
WITH DRIVER ENABLED
LTC1483
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPLH
Driver Input to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF,
q
150
1200
ns
tPHL
Driver Input to Output
q
150
1200
ns
tSKEW
Driver Output to Output
q
100
600
ns
tr, tf
Driver Rise or Fall Time
q
150
1200
ns
tZH
Driver Enable to Output High
CL = 100pF (Figures 4, 6), S2 Closed
q
100
1500
ns
tZL
Driver Enable to Output Low
CL = 100pF (Figures 4, 6), S1 Closed
q
100
1500
ns
tLZ
Driver Disable Time from Low
CL = 15pF (Figures 4, 6), S1 Closed
q
150
1500
ns
tHZ
Driver Disable Time from High
CL = 15pF (Figures 4, 6), S2 Closed
q
150
1500
ns
tPLH
Receiver Input to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF,
q
30
140
200
ns
tPHL
Receiver Input to Output
q
30
140
200
ns
tSKD
tPLH – tPHLDifferential Receiver Skew
q
13
ns
tZL
Receiver Enable to Output Low
CRL = 15pF (Figures 2, 8), S1 Closed
q
20
50
ns
tZH
Receiver Enable to Output High
CRL = 15pF (Figures 2, 8), S2 Closed
q
20
50
ns
tLZ
Receiver Disable from Low
CRL = 15pF (Figures 2, 8), S1 Closed
q
20
50
ns
tHZ
Receiver Disable from High
CRL = 15pF (Figures 2, 8), S2 Closed
q
20
50
ns
fMAX
Maximum Data Rate
q
250
kbits/s
tSHDN
Time to Shutdown
DE = 0, RE =
q
50
200
600
ns
tZH(SHDN)
Driver Enable from Shutdown to Output High
CL = 100pF (Figures 4, 6), S2 Closed
q
2000
ns
tZL(SHDN)
Driver Enable from Shutdown to Output Low
CL = 100pF (Figures 4, 6), S1 Closed
q
2000
ns
tZH(SHDN)
Receiver Enable from Shutdown to Output High
CL = 15pF (Figures 2, 8), S2 Closed
q
3500
ns
tZL(SHDN)
Receiver Enable from Shutdown to Output Low
CL = 15pF (Figures 2, 8), S1 Closed
q
3500
ns
(Figures 3, 5)
(Figures 3, 7)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com