Electronic Components Datasheet Search
  English  ▼

X  

LTC1483 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1483
Description  Ultra-Low Power RS485 Low EMI Transceiver with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1483 Datasheet(HTML) 6 Page - Linear Technology

  LTC1483 Datasheet HTML 1Page - Linear Technology LTC1483 Datasheet HTML 2Page - Linear Technology LTC1483 Datasheet HTML 3Page - Linear Technology LTC1483 Datasheet HTML 4Page - Linear Technology LTC1483 Datasheet HTML 5Page - Linear Technology LTC1483 Datasheet HTML 6Page - Linear Technology LTC1483 Datasheet HTML 7Page - Linear Technology LTC1483 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1483
sn1483 1483fs
SWITCHI G TI E WAVEFOR S
1.5V
tPHL
RO
–VOD2
A – B
0V
0V
1.5V
tPLH
OUTPUT
INPUT
VOD2
VOL
VOH
LTC1483 • F07
tr ≤ 10ns, tf ≤ 10ns
Figure 7. Receiver Propagation Delays
1.5V
tZL(SHDN), tZL
tZH(SHDN), tZH
1.5V
1.5V
1.5V
tLZ
0.5V
0.5V
tHZ
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
RE
5V
0V
RO
RO
LTC1483 • F08
tr ≤ 10ns, tf ≤ 10ns
Figure 8. Receiver Enable and Disable Times
APPLICATIO S I FOR ATIO
Basic Theory of Operation
Traditionally RS485 transceivers have been designed us-
ing bipolar technology because the common-mode range
of the device must extend beyond the supplies and the
device must be immune to ESD damage and latch-up.
Unfortunately, most bipolar devices draw a large amount
of supply current, which is unacceptable for the numerous
applications that require low power consumption. The
LTC1483 is a CMOS RS485/RS422 transceiver which
features ultra-low power consumption without sacrificing
ESD and latch-up immunity.
The LTC1483 uses a proprietary driver output stage,
which allows a common-mode range that extends beyond
the power supplies while virtually eliminating latch-up and
providing excellent ESD protection. Figure 9 shows the
LTC1483 output stage while Figure 10 shows a conven-
tional CMOS output stage.
When the conventional CMOS output stage of Figure 10
enters a high impedance state, both the P-channel (P1)
and the N-channel (N1) are turned off. If the output is then
driven above VCC or below ground, the P+/N -well diode
(D1) or the N+/P-substrate diode (D2) respectively will
turn on and clamp the output to the supply. Thus, the
output stage is no longer in a high impedance state and is
not able to meet the RS485 common-mode range require-
ment. In addition, the large amount of current flowing
through either diode will induce the well-known CMOS
latch-up condition, which could destroy the device.
LOGIC
VCC
SD3
P1
D1
OUTPUT
SD4
D2
N1
LTC1483 • F09
Figure 9. LTC1483 Output Stage
LOGIC
VCC
P1
D1
OUTPUT
D2
N1
LTC1483 • F10
Figure 10. Conventional
CMOS Output Stage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com