Electronic Components Datasheet Search
  English  ▼

X  

LTC1487 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1487
Description  Ultra-Low Power RS485 with Low EMI, Shutdown and High Input Impedance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1487 Datasheet(HTML) 2 Page - Linear Technology

  LTC1487 Datasheet HTML 1Page - Linear Technology LTC1487 Datasheet HTML 2Page - Linear Technology LTC1487 Datasheet HTML 3Page - Linear Technology LTC1487 Datasheet HTML 4Page - Linear Technology LTC1487 Datasheet HTML 5Page - Linear Technology LTC1487 Datasheet HTML 6Page - Linear Technology LTC1487 Datasheet HTML 7Page - Linear Technology LTC1487 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1487
sn1487 1487fs
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
(Note 1)
Supply Voltage (VCC) .............................................. 12V
Control Input Voltage ..................... – 0.5V to VCC + 0.5V
Driver Input Voltage ....................... – 0.5V to VCC + 0.5V
Driver Output Voltage ...........................................
±14V
Receiver Input Voltage ..........................................
±14V
Receiver Output Voltage ................ – 0.5V to VCC + 0.5V
Operating Temperature Range ............. 0
°C ≤ TA ≤ 70°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
S8 PART MARKING
Consult factory for Industrial and Military grade parts.
ELECTRICAL C
C
HARA TERISTICS 0°C ≤ T
A ≤ 70°C, VCC = 5V (Notes 2, 3) unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOD1
Differential Driver Output Voltage (Unloaded)
IO = 0
q
5V
VOD2
Differential Driver Output Voltage (with Load)
R = 50
Ω (RS422)
q
2.0
V
R = 27
Ω (RS485), Figure 1
q
1.5
5
V
∆VOD
Change in Magnitude of Driver Differential Output
R = 27
Ω or R = 50Ω, Figure 1
q
0.2
V
Voltage for Complementary Output States
VOC
Driver Common-Mode Output Voltage
R = 27
Ω or R = 50Ω, Figure 1
q
3V
∆VOC
Change in Magnitude of Driver Common-Mode
R = 27
Ω or R = 50Ω, Figure 1
q
0.2
V
Output Voltage for Complementary Output States
VIH
Input High Voltage
DE, DI, RE
q
2V
VIL
Input Low Voltage
DE, DI, RE
q
0.8
V
IIN1
Input Current
DE, DI, RE
q
±2
µA
IIN2
Input Current (A, B)
DE = 0, VCC = 0V or 5.25V, VIN = 12V
q
0.30
mA
DE = 0, VCC = 0V or 5.25V, VIN = – 7V
q
– 0.15
mA
VTH
Differential Input Threshold Voltage for Receiver
– 7V
≤ VCM ≤ 12V
q
– 0.2
0.2
V
∆VTH
Receiver Input Hysteresis
VCM = 0V
q
45
mV
VOH
Receiver Output High Voltage
IO = – 4mA, VID = 200mV
q
3.5
V
VOL
Receiver Output Low Voltage
IO = 4mA, VID = – 200mV
q
0.4
V
IOZR
Three-State (High Impedance) Output
VCC = Max, 0.4V ≤ VO ≤ 2.4V
q
±1
µA
Current at Receiver
RIN
Receiver Input Resistance
– 7V
≤ VCM ≤ 12V
q
70
96
k
Ω
ICC
Supply Current
No Load, Output Enabled
q
120
200
µA
No Load, Output Disabled
q
80
120
µA
ISHDN
Supply Current in Shutdown Mode
DE = 0V, RE = VCC
110
µA
IOSD1
Driver Short-Circuit Current, VOUT = HIGH
– 7V
≤ VO ≤ 12V
q
35
250
mA
IOSD2
Driver Short-Circuit Current, VOUT = LOW
– 7V
≤ VO ≤ 12V
q
35
250
mA
IOSR
Receiver Short-Circuit Current
0V
≤ VO ≤ VCC
q
785
mA
TJMAX = 125°C, θJA = 130°C/ W (N8)
TJMAX = 125°C, θJA = 150°C/ W (S8)
1487
LTC1487CN8
LTC1487CS8
1
2
3
4
8
7
6
5
TOP VIEW
VCC
B
A
GND
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
R
D
RO
RE
DE
DI



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com