Electronic Components Datasheet Search
  English  ▼

X  

LTC1487 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1487
Description  Ultra-Low Power RS485 with Low EMI, Shutdown and High Input Impedance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1487 Datasheet(HTML) 6 Page - Linear Technology

  LTC1487 Datasheet HTML 1Page - Linear Technology LTC1487 Datasheet HTML 2Page - Linear Technology LTC1487 Datasheet HTML 3Page - Linear Technology LTC1487 Datasheet HTML 4Page - Linear Technology LTC1487 Datasheet HTML 5Page - Linear Technology LTC1487 Datasheet HTML 6Page - Linear Technology LTC1487 Datasheet HTML 7Page - Linear Technology LTC1487 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1487
sn1487 1487fs
Figure 5. Driver Propagation Delays
Figure 6. Driver Enable and Disable Times
DI
3V
1.5V
tPLH
tr
tSKEW
1/2 VO
VO
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns
90%
10%
0V
B
A
VO
–VO
0V
90%
1.5V
tPHL
tSKEW
1/2 VO
10%
tf
VDIFF = V(A) – V(B)
LTC1487 • F05
1.5V
2.3V
2.3V
tZH(SHDN), tZH
tZL(SHDN), tZL
1.5V
tLZ
0.5V
0.5V
tHZ
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
DE
5V
VOL
VOH
0V
A, B
A, B
LTC1487 • F06
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns
SWITCHI G TI E WAVEFOR S
Figure 7. Receiver Propagation Delays
1.5V
tPHL
RO
–VOD2
A – B
0V
0V
1.5V
tPLH
OUTPUT
INPUT
VOD2
VOL
VOH
LTC1487 • F07
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns
Figure 8. Receiver Enable and Disable Times
1.5V
tZL(SHDN), tZL
tZH(SHDN), tZH
1.5V
1.5V
1.5V
tLZ
0.5V
0.5V
tHZ
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
RE
5V
0V
RO
RO
LTC1487 • F08
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com