Electronic Components Datasheet Search
  English  ▼

X  

UPD3788 Datasheet(PDF) 7 Page - NEC

Part # UPD3788
Description  7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3788 Datasheet(HTML) 7 Page - NEC

Back Button UPD3788 Datasheet HTML 3Page - NEC UPD3788 Datasheet HTML 4Page - NEC UPD3788 Datasheet HTML 5Page - NEC UPD3788 Datasheet HTML 6Page - NEC UPD3788 Datasheet HTML 7Page - NEC UPD3788 Datasheet HTML 8Page - NEC UPD3788 Datasheet HTML 9Page - NEC UPD3788 Datasheet HTML 10Page - NEC UPD3788 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
µPD3788
7
Data Sheet S14664EJ1V0DS00
INPUT PIN CAPACITANCE (TA = +25
°C, VOD = 12 V)
Parameter
Symbol Pin name Pin No.
MIN.
TYP.
MAX.
Unit
Shift register clock pin capacitance 1
Cφ1
φ1
13
350
500
pF
23
350
500
pF
φ10
9
350
500
pF
Shift register clock pin capacitance 2
Cφ2
φ2
14
350
500
pF
24
350
500
pF
φ20
28
350
500
pF
Last stage shift register clock pin capacitance
CφL
φ1L
29
10
pF
Reset gate clock pin capacitance
CφRB
φRB
8
10
pF
Reset feed-through level clamp clock pin capacitance
CφCLB
φCLB
30
10
pF
Transfer gate clock pin capacitance
CφTG
φTG1
22
100
pF
φTG2
21
100
pF
φTG3
15
100
pF
Remark
Pins 13, 23 (
φ1) and pin 9 (φ10) are connected each other inside of the device.
Pins 14, 24 (
φ2) and pin 28 (φ20) are connected each other inside of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com