Electronic Components Datasheet Search
  English  ▼

X  

UPD3788 Datasheet(PDF) 13 Page - NEC

Part # UPD3788
Description  7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3788 Datasheet(HTML) 13 Page - NEC

Back Button UPD3788 Datasheet HTML 9Page - NEC UPD3788 Datasheet HTML 10Page - NEC UPD3788 Datasheet HTML 11Page - NEC UPD3788 Datasheet HTML 12Page - NEC UPD3788 Datasheet HTML 13Page - NEC UPD3788 Datasheet HTML 14Page - NEC UPD3788 Datasheet HTML 15Page - NEC UPD3788 Datasheet HTML 16Page - NEC UPD3788 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
µPD3788
13
Data Sheet S14664EJ1V0DS00
TIMING CHART 5 (Line clamp mode, for each color)
Symbol
MIN.
TYP.
MAX.
Unit
t1, t2
0
50
ns
t1’, t2’
0
5
ns
t3
17
50
ns
t4
5
200
–
ns
t5, t6
0
20
ns
1( 10)
φ
2( 20)
“H”
t1'
t5
t6
t4
t3
t2'
td
VOS
RFTN
10 %
t1
t2
90 %
1L
RB
CLB
VOUT1 to
VOUT6
10 %
90 %
10 %
90 %
10 %
90 %
10 %
φ
φφφ
φ
φ
φ
φ
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com