Electronic Components Datasheet Search
  English  ▼

X  

LT6557 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6557
Description  500MHz, 2200V/s Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6557 Datasheet(HTML) 3 Page - Linear Technology

  LT6557 Datasheet HTML 1Page - Linear Technology LT6557 Datasheet HTML 2Page - Linear Technology LT6557 Datasheet HTML 3Page - Linear Technology LT6557 Datasheet HTML 4Page - Linear Technology LT6557 Datasheet HTML 5Page - Linear Technology LT6557 Datasheet HTML 6Page - Linear Technology LT6557 Datasheet HTML 7Page - Linear Technology LT6557 Datasheet HTML 8Page - Linear Technology LT6557 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT6557
3
6557fa
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, RL = 150Ω to VS/2, VEN = 0.4V, RBCV = open, unless
otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AV ERR
Gain Error
VIN = 0.75V to 1.75V
●
±0.5
±0.5
±2.5
±3.0
%
%
AV MATCH
Gain Match Between Channels
VIN = 0.75V to 1.75V
●
±0.4
±0.4
±2.75
±3.25
%
%
VIN(DC)
Input Voltage Bias
RBCV = 348Ω
●
1.0
0.8
1.25
1.10
1.5
1.7
V
V
PSRR
Power Supply Rejection Ratio
VS = 4V to 6V, VIN = 1.25V
●
42
38
50
47
dB
dB
VOL
Output Voltage Swing Low
●
0.8
0.9
0.9
1.0
V
V
VOH
Output Voltage Swing High
●
4.1
4.0
4.2
4.1
V
V
IS
Supply Current per Amplifier
VEN = 0.4V, RL = ∞, Includes IS of V
+
(Pin 15)
●
22.5
25.0
25
29
mA
mA
Total Supply Current (Disabled)
VEN = Open, RL = ∞
●
10
10
450
1000
µA
µA
IEN
Enable Pin Current
VEN = 0.4V
●
–250
–300
–125
–150
µA
µA
ISC
Short-Circuit Current
●
±70
±40
±100
±90
mA
mA
SR
Slew Rate
VOUT = 1.25V to 3.75V (Note 5)
1400
2200
V/µs
–3dB BW
–3dB Bandwidth
VOUT = 2VP-P
400
MHz
VOUT = 0.2VP-P
500
MHz
0.1dB BW
Gain Flatness ±0.1dB Bandwidth
VOUT = 2VP-P
120
MHz
FPBW
Full Power Bandwidth
VOUT = 2VP-P (Note 6)
220
350
MHz
XTalk
All Hostile Crosstalk
f = 10MHz, VOUT = 2VP-P
f = 100MHz, VOUT = 2VP-P
–80
–55
dB
dB
tS
Settling Time
To 1%, VOUT = 1.5V to 3.5V
To 0.1%
4
7
ns
ns
tr, tf
Rise Time, Fall Time
10% to 90%, VOUT = 1.5V to 3.5V
875
ps
ΔG
Differential Gain
NTSC Signal
0.02
%
ΔΦ
Differential Phase
NTSC Signal
0.05
Deg
HD2
2nd Harmonic Distortion
f = 10MHz, VOUT = 2VP-P
–68
dBc
HD3
3rd Harmonic Distortion
f = 10MHz, VOUT = 2VP-P
–75
dBc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below the Absolute Maximum Rating.
Note 3: The LT6557C is guaranteed functional over the temperature range
of –40°C and 85°C.
Note 4: The LT6557C is guaranteed to meet specified performance from
0°C to 70°C. The LT6557C is designed, characterized and expected to
meet specified performance from –40°C to 85°C but is not tested or
QA sampled at these temperatures.The LT6557I is guaranteed to meet
specified performance from –40°C to 85°C.
Note 5: Slew rate is 100% production tested on the R channel and
measured on the rising edge of the output signal. The slew rate of the
falling edge and of the G and B channels is guaranteed through design and
characterization.
Note 6: Large-signal bandwidth is calculated from slew rate:
FPBW = SR/(π • VP-P)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com