Electronic Components Datasheet Search
  English  ▼

X  

LT6557 Datasheet(PDF) 4 Page - Linear Technology

Part # LT6557
Description  500MHz, 2200V/s Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6557 Datasheet(HTML) 4 Page - Linear Technology

  LT6557 Datasheet HTML 1Page - Linear Technology LT6557 Datasheet HTML 2Page - Linear Technology LT6557 Datasheet HTML 3Page - Linear Technology LT6557 Datasheet HTML 4Page - Linear Technology LT6557 Datasheet HTML 5Page - Linear Technology LT6557 Datasheet HTML 6Page - Linear Technology LT6557 Datasheet HTML 7Page - Linear Technology LT6557 Datasheet HTML 8Page - Linear Technology LT6557 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT6557
4
6557fa
Gain Error Distribution
Gain Error Matching Distribution
Voltage Gain vs Temperature
Supply Current per Ampifier
vs Supply Voltage
Supply Current per Ampifier
vs EN Voltage
EN Pin Current vs EN Pin Voltage
Input Referred Offset Voltage
vs Temperature
Input Bias Current
vs Input Voltage
SUPPLY VOLTAGE (V)
0
30
40
50
8
6557 G04
20
10
25
35
45
15
5
0
2
1
4
3
67
5
VOUT = VS/2
Supply Current per Ampifier
vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com