Electronic Components Datasheet Search
  English  ▼

X  

UPD3799 Datasheet(PDF) 12 Page - NEC

Part # UPD3799
Description  5300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3799 Datasheet(HTML) 12 Page - NEC

Back Button UPD3799 Datasheet HTML 8Page - NEC UPD3799 Datasheet HTML 9Page - NEC UPD3799 Datasheet HTML 10Page - NEC UPD3799 Datasheet HTML 11Page - NEC UPD3799 Datasheet HTML 12Page - NEC UPD3799 Datasheet HTML 13Page - NEC UPD3799 Datasheet HTML 14Page - NEC UPD3799 Datasheet HTML 15Page - NEC UPD3799 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
µPD3799
12
DATA SHEET S14083EJ1V0DS00
6.
Output impedance: ZO
Impedance of the output pins viewed from outside.
7.
Response: R
Output voltage divided by exposure (Ix•s).
Note that the response varies with a light source (spectral characteristic).
8.
Image Lag: IL
The rate between the last output voltage and the next one after read out the data of a line.
9.
Random noise:
σ
Random noise
σ is defined as the standard deviation of a valid pixel output signal with 100 times (=100 lines)
data sampling at dark (light shielding).
Vi: A valid pixel output signal among all of the valid pixels for each color
This is measured by the DC level sampling of only the signal level, not by CDS (Correlated Double Sampling).
VOUT
φTG
Light
VOUT
ON
OFF
V1
V1
IL (%) =
×100
VOUT
V1
V100
V2
line 2
line 100
line 1
VOUT
σ (mV) =
, V =
Σ
i=1
100
(Vi – V)2
Σ
i=1
100
Vi
100
100
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com