Electronic Components Datasheet Search
  English  ▼

X  

UPD3799 Datasheet(PDF) 16 Page - NEC

Part # UPD3799
Description  5300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3799 Datasheet(HTML) 16 Page - NEC

Back Button UPD3799 Datasheet HTML 12Page - NEC UPD3799 Datasheet HTML 13Page - NEC UPD3799 Datasheet HTML 14Page - NEC UPD3799 Datasheet HTML 15Page - NEC UPD3799 Datasheet HTML 16Page - NEC UPD3799 Datasheet HTML 17Page - NEC UPD3799 Datasheet HTML 18Page - NEC UPD3799 Datasheet HTML 19Page - NEC UPD3799 Datasheet HTML 20Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
µPD3799
16
DATA SHEET S14083EJ1V0DS00
PACKAGE DRAWING
CCD LINEAR IMAGE SENSOR 32-PIN PLASTIC DIP (400 mil)
OUTLINE DRAWINGS (Unit : mm)
4.0
±0.3 1
2.58
±0.3
0.25±0.05
10.16
(1.80)
2
3
0~10°
1st valid pixel
4
Name
Dimensions
Refractive index
Plastic cap
52.2
×6.4×0.7
1.5
The 1st valid pixel
The surface of the chip
The bottom of the package
1
2
3
The center of the pin1
The top of the cap
The surface of the chip
32C-1CCD-PKG1-1
Thickness of plastic cap over CCD chip
4
(5.42)
12.6
±0.5
54.8
±0.5
55.2
±0.5
1.02
±0.15
0.46
±0.06
4.21
±0.5
4.55
±0.5
4.1
±0.5
38.1
2.54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com