Electronic Components Datasheet Search
  English  ▼

X  

LTC1798 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1798
Description  Micropower Low Dropout References
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1798 Datasheet(HTML) 2 Page - Linear Technology

  LTC1798 Datasheet HTML 1Page - Linear Technology LTC1798 Datasheet HTML 2Page - Linear Technology LTC1798 Datasheet HTML 3Page - Linear Technology LTC1798 Datasheet HTML 4Page - Linear Technology LTC1798 Datasheet HTML 5Page - Linear Technology LTC1798 Datasheet HTML 6Page - Linear Technology LTC1798 Datasheet HTML 7Page - Linear Technology LTC1798 Datasheet HTML 8Page - Linear Technology LTC1798 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LTC1798 Series
2
1798fc
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Operating Temperature Range...................... 0°C to 70°C
Extended Commercial Operating
Temperature Range.................................. –40°C to 85°C
Junction Temperature ........................................... 110°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
DNC*
DNC*
OUT
DNC*
*DNC
IN
**DNC/FB
GND
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 125°C, qJA = 190°C/W
* CONNECTED INTERNALLY. DO NOT CONNECT EXTERNAL CIRCUITRY TO THESE PINS
** DNC FOR LTC1798-2.5/LTC1798-3/LTC1798-4.1/LTC1798-5, FB FOR LTC1798
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC1798CS8#PBF (OBSOLETE)
LTC1798CS8#TRPBF
1798
8-Lead Plastic SO
0°C to 70°C
LTC1798CS8-2.5#PBF
LTC1798CS8-2.5#TRPBF
179825
8-Lead Plastic SO
0°C to 70°C
LTC1798CS8-3#PBF
LTC1798CS8-3#TRPBF
17983
8-Lead Plastic SO
0°C to 70°C
LTC1798CS8-4.1#PBF
LTC1798CS8-4.1#TRPBF
179841
8-Lead Plastic SO
0°C to 70°C
LTC1798CS8-5#PBF
LTC1798CS8-5#TRPBF
17985
8-Lead Plastic SO
0°C to 70°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
AVAILABLE OPTIONS
OUTPUT VOLTAGE
(V)
TEMPERATURE
RANGE
(ºC)
ACCURACY
(%)
TEMPERATURE
COEFFICIENT
(PPM/ºC)
PACKAGE STYLE
SO-8 (S8)
ORDER NUMBER
PART MARKING
2.5
0 to 70
0.15
40
LTC1798CS8-2.5
179825
3
0 to 70
0.15
40
LTC1798CS8-3
17983
4.096
0 to 70
0.15
40
LTC1798CS8-4.1
179841
5
0 to 70
0.15
40
LTC1798CS8-5
17985
Adjustable
0 to 70
0.4
40
LTC1798CS8
1798



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com