Electronic Components Datasheet Search
  English  ▼

X  

LTC1798 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1798
Description  Micropower Low Dropout References
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1798 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1798 Datasheet HTML 2Page - Linear Technology LTC1798 Datasheet HTML 3Page - Linear Technology LTC1798 Datasheet HTML 4Page - Linear Technology LTC1798 Datasheet HTML 5Page - Linear Technology LTC1798 Datasheet HTML 6Page - Linear Technology LTC1798 Datasheet HTML 7Page - Linear Technology LTC1798 Datasheet HTML 8Page - Linear Technology LTC1798 Datasheet HTML 9Page - Linear Technology LTC1798 Datasheet HTML 10Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LTC1798 Series
6
1798fc
Figure 1. Reference Output Load Transient Response, 1µF Output Capacitor
10ms/DIV
VOUT
100mV/DIV
IOUT
1mA
0mA
1798 F01a
Longer Battery Life
Series references have an advantage over shunt style
references. To operate, shunt references require a resistor
between the power supply and the output. This resistor
must be chosen to supply the maximum current that is
demanded by the circuit being regulated. When the circuit
being controlled is not operating at this maximum current,
theshuntreferencemustalwayssinkthiscurrent,resulting
in high power dissipation and short battery life.
The LTC1798 series low dropout references do not require
a current setting resistor and can operate with any supply
voltage from (VOUT(NOMINAL) + 0.2V) to 12.6V. When the
circuitry being regulated does not demand current, the
LTC1798 series reduces its dissipation and battery life is
extended. If the reference is not delivering load current it
BLOCK DIAGRAM
–
+
IN
6
1798 BD
2
4
OUT
3 (LTC1798)
FB
2.385V
GND
R1
R2
NOTE: R1 AND R2 ARE NOT CONNECTED FOR LTC1798
0.5ms/DIV
VOUT
100mV/DIV
IOUT
1mA
0mA
1798 F01b
APPLICATIONS INFORMATION
dissipates only 10.8µW when operating on a 2.7V supply
for LTC1798-2.5, yet the same connection can deliver
10mA of load current when demanded.
Output Bypass Capacitor
TheLTC1798seriesisdesignedtobestablewithorwithout
capacitive loads. With no capacitive load, the reference
is ideal for fast settling applications, or where PC board
space is at a premium.
In applications with significant output loading changes, an
outputbypasscapacitorofupto1µFcanbeusedtoimprove
theoutputtransientresponse.Figure1showstheresponse
ofthereferencetoa1mAto0µAloadstepwitha1µFoutput
capacitor.Ifmorethan1µFofoutputcapacitanceisrequired,
a resistor in series with the capacitor is recommended



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com