Electronic Components Datasheet Search
  English  ▼

X  

LTC3261 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3261
Description  High Voltage, Low Quiescent Current Inverting Charge Pump
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3261 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3261 Datasheet HTML 6Page - Linear Technology LTC3261 Datasheet HTML 7Page - Linear Technology LTC3261 Datasheet HTML 8Page - Linear Technology LTC3261 Datasheet HTML 9Page - Linear Technology LTC3261 Datasheet HTML 10Page - Linear Technology LTC3261 Datasheet HTML 11Page - Linear Technology LTC3261 Datasheet HTML 12Page - Linear Technology LTC3261 Datasheet HTML 13Page - Linear Technology LTC3261 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
LTC3261
13
3261fb
For more information www.linear.com/3261
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
revision hisTory
REV
DATE
DESCRIPTION
PAGE NUMBER
A
9/12
Changed the Operating Junction Temperature to –55°C to 150°C in the Absolute Maximum section
Added LTC3261HMSE and LTC3261MPMSE to Order Information table
Added the word junction to the heading for Electric Characteristics
Added LTC3261H and LTC3261MP guarantees into Note 2 following LTC3261I sentence
Deleted Thermal Shutdown curve from Figure 4
Changed two paragraphs with respect to operation at 150°C and thermal shutdown
Updated Related Parts list
2
2
3
3
9
9
14
B
1/13
Corrected pin number on MODE pin in Pin Functions page
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com