Electronic Components Datasheet Search
  English  ▼

X  

LTC3261 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3261
Description  High Voltage, Low Quiescent Current Inverting Charge Pump
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3261 Datasheet(HTML) 2 Page - Linear Technology

  LTC3261 Datasheet HTML 1Page - Linear Technology LTC3261 Datasheet HTML 2Page - Linear Technology LTC3261 Datasheet HTML 3Page - Linear Technology LTC3261 Datasheet HTML 4Page - Linear Technology LTC3261 Datasheet HTML 5Page - Linear Technology LTC3261 Datasheet HTML 6Page - Linear Technology LTC3261 Datasheet HTML 7Page - Linear Technology LTC3261 Datasheet HTML 8Page - Linear Technology LTC3261 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LTC3261
2
3261fb
For more information www.linear.com/3261
absoluTe MaxiMuM raTings
VIN, EN, MODE.. ......................................... –0.3V to 36V
VOUT........................................................... –36V to 0.3V
RT ................................................................ –0.3V to 6V
VOUT Short-Circuit Duration............................. Indefinite
Operating Junction Temperature Range
(Note 2).................................................. –55°C to 150°C
Storage Temperature Range ................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Notes 1, 3)
1
2
3
4
5
6
NC
RT
NC
VOUT
C–
NC
12
11
10
9
8
7
NC
MODE
EN
VIN
C+
NC
TOP VIEW
MSE PACKAGE
12-LEAD PLASTIC MSOP
13
GND
TJMAX = 150°C, θJA = 40°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
pin conFiguraTion
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3261EMSE#PBF
LTC3261EMSE#TRPBF
3261
12-Lead Plastic MSOP
–40°C to 125°C
LTC3261IMSE#PBF
LTC3261IMSE#TRPBF
3261
12-Lead Plastic MSOP
–40°C to 125°C
LTC3261HMSE#PBF
LTC3261HMSE#TRPBF
3261
12-Lead Plastic MSOP
–40°C to 150°C
LTC3261MPMSE#PBF
LTC3261MPMSE#TRPBF 3261
12-Lead Plastic MSOP
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com