Electronic Components Datasheet Search
  English  ▼

X  

MSK4366 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4366
Description  38 Volt Maximum Operating Motor Supply Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4366 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4366_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 8Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATING
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade devices shall be tested to subgroup 1 and 4 unless otherwise specified.
Military grade devices (‘H’ suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroups 1,4 TA=TC=25°C
2,5 TA=TC=85°C
3,6 TA=TC=-40°C
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
When applying power to the device, apply the low voltage followed by the high voltage or alternatively, apply both at the same time.
Internal solder reflow temperature is 180°C, do not exceed.
6
-42V to 42V
11.4°C/W
-65°C to 150°C
+300°C
+150°C
-40°C to +85°C
CANH,CANL
Thermal Resistance
Storage Temperature Range
Lead Temperature Range
10 Seco nds
Output Switches
Case Operating Temperature
RØJC
TST
TLD
TJMAX
TC
-3V transient to + 55V
-0.3V to +5.5V
-0.3V to + VDD +0.3V
10A
16A
High Voltage Supply
Low Voltage Supply
Voltage on any logic, analog input pin
with respect to GND
Continuous Output Current
Peak Output Current (dissipation limited)
+V
+VDD
8
1
2
3
4
5
6
7
8
NOTES:
7
8548-120 Rev. A 4/14



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com