Electronic Components Datasheet Search
  English  ▼

X  

UPD4702 Datasheet(PDF) 3 Page - NEC

Part # UPD4702
Description  INCREMENTAL ENCODER 8-BIT UP/DOWN COUNTER CMOS INTEGRATED CIRCUITS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4702 Datasheet(HTML) 3 Page - NEC

  UPD4702 Datasheet HTML 1Page - NEC UPD4702 Datasheet HTML 2Page - NEC UPD4702 Datasheet HTML 3Page - NEC UPD4702 Datasheet HTML 4Page - NEC UPD4702 Datasheet HTML 5Page - NEC UPD4702 Datasheet HTML 6Page - NEC UPD4702 Datasheet HTML 7Page - NEC UPD4702 Datasheet HTML 8Page - NEC UPD4702 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
µPD4702
1.
DESCRIPTION OF OPERATIONS
(1)
Count operation
The
µPD4702 incorporates a phase discrimination circuit, and counts by 4-multiplication of the A and B input 2-
phase pulses. Therefore, a count operation is performed by an A input edge and a B input edge.
Fig. 1 Count Operation Timing Chart
Forward (Up-Count)
Reverse (Down-Count)
A Input
Count Operation
B Input
2
4
3
1
1
3
5
4
2
0
(2)
Latch operation
An R-S flip-flop is inserted in the strobe input of the latch circuit as shown in Fig. 2, and when STB changes from
“H” to “L” during a count operation, the internal latch signal STB remains at “H” until the end of the count operation.
Therefore, the count value is latched correctly even if STB input is performed asynchronously from the A and B input
(if STB changes from “H” to “L” within tSABSTB (40 ns) after the A input or B input edge, the latch contents will be
either the pre-count or post-count value). However, when a
µPD4704 is added, the correct value cannot be latched
if all digits are latched simultaneously when a carry or borrow is generated (the high-order digit may be latched
before carry/borrow transmission).
Fig. 2 STB Input Circuit
From Phase Discrimination Circuit
(Count Pulse)
STB
STB
Latched
when L
A, B Inputs
STB
tSABSTB
If tSABSTB is 40 ns or longer, the post-count value
is input to the latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com