Electronic Components Datasheet Search
  English  ▼

X  

UPD4702 Datasheet(PDF) 8 Page - NEC

Part # UPD4702
Description  INCREMENTAL ENCODER 8-BIT UP/DOWN COUNTER CMOS INTEGRATED CIRCUITS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4702 Datasheet(HTML) 8 Page - NEC

Back Button UPD4702 Datasheet HTML 4Page - NEC UPD4702 Datasheet HTML 5Page - NEC UPD4702 Datasheet HTML 6Page - NEC UPD4702 Datasheet HTML 7Page - NEC UPD4702 Datasheet HTML 8Page - NEC UPD4702 Datasheet HTML 9Page - NEC UPD4702 Datasheet HTML 10Page - NEC UPD4702 Datasheet HTML 11Page - NEC UPD4702 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
µPD4702
Consumption Current Measurement Circuit
AC Test Input Waveform
VIH
VIL
VIH = 2.6 V (A, B, RESET inputs)
VIH = 2.2 V (inputs other than A, B, RESET)
VIL = 0.8 V
Timing measurement is performed at 1.5 V.
A
B
STB
OE
D7
D1
D0
CL
CL
CL
VDD
2.6 V
0.8 V
STB input connected to VDD or
OE input connected to VSS.
Load on all outputs, CL = 50 pF.
Measurement Conditions
A, B inputs
fIN = 3.6 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com