Electronic Components Datasheet Search
  English  ▼

X  

LT1017 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1017
Description  Micropower Dual Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1017 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1017 Datasheet HTML 7Page - Linear Technology LT1017 Datasheet HTML 8Page - Linear Technology LT1017 Datasheet HTML 9Page - Linear Technology LT1017 Datasheet HTML 10Page - Linear Technology LT1017 Datasheet HTML 11Page - Linear Technology LT1017 Datasheet HTML 12Page - Linear Technology LT1017 Datasheet HTML 13Page - Linear Technology LT1017 Datasheet HTML 14Page - Linear Technology LT1017 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1017/LT1018
11
10178ff
TYPICAL APPLICATIONS
Regulated Step-Up Converter
Low Power* V-to-F Converter
1N4148
R1*
910k
100k
R2*
120k
LT1004
1.2V
1N4148
400mH**
5V
2
3
200k
1
8
4
–
+
1/2 LT1018
5
6
7
–
+
1/2 LT1018
2000pF
0.1μF
100μF
1017/18 TA14
OUTPUT
10V
2mA
+
*VOUT = 1.2
R1
R2
1 +
**DALE TE-5/Q3/400mH
()
2
1N4148
1N4148
1N4148
0.001μF
POLYSTYRENE
3M
47k
0.1μF
3
1
8
220pF
OUTPUT
0kHz TO 1kHz
4
6
7
5
0.1μF
1017/18 TA15
910K
1%
FULL-SCALE
TRIM
100k
1M
10k
330k
100k
*IQ ≅ 350μA
–
+
–
+
1/2 LT1018
1N4148
9V
1N4148
LT1034
1.2V
220k 2.2μF
2N3904
INPUT
0V TO 1V
1/2 LT1018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com