Electronic Components Datasheet Search
  English  ▼

X  

LT1017 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1017
Description  Micropower Dual Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1017 Datasheet(HTML) 5 Page - Linear Technology

  LT1017 Datasheet HTML 1Page - Linear Technology LT1017 Datasheet HTML 2Page - Linear Technology LT1017 Datasheet HTML 3Page - Linear Technology LT1017 Datasheet HTML 4Page - Linear Technology LT1017 Datasheet HTML 5Page - Linear Technology LT1017 Datasheet HTML 6Page - Linear Technology LT1017 Datasheet HTML 7Page - Linear Technology LT1017 Datasheet HTML 8Page - Linear Technology LT1017 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1017/LT1018
5
10178ff
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current with Inputs
Driven Below the Supply
Common Mode Limits
Supply Current
Positive Supply Current
NPN Output Saturation Voltage
Output Sinking Current Limit
Input Bias Current
Input Offset Current
Bias Current vs Differential Input
TEMPERATURE (°C)
0
1
10
100
50
100
25
75
125
1017/18 G01
–50 –25
150
LT1018 VCM = V
–
LT1017 VCM = V
–
LT1018 VCM = V
+ – 1V
LT1017 VCM = V
+ – 1V
IBIAS
REVERSES
POLARITY
TEMPERATURE (°C)
–50
2.0
2.5
3.0
25
75
1017/18 G02
1.5
1.0
–25
0
50
100
125
0.5
0
LT1018
LT1017
DIFFERENTIAL INPUT VOLTAGE (V)
–20
10
0
0.2
1017/18 G03
5
0
–0.2
–0.1
0.1
15
20
20
LT1018 + IB
LT1017 + IB
LT1018 – IB
LT1017 – IB
COMMON MODE VOLTAGE (V)
0.1
10
100
0.2
–0.6
–1.0
1017/18 G04
0.01
–0.2
V–
–0.8
–0.4
1
125°C
85°C 25°C
TEMPERATURE (°C)
–50 –25
25
50
75
V–
150
1017/18 G05
–0.4
–0.8
0
100 125
V+
–0.4
–0.2
–1.0
–0.6
–0.6
–0.8
VCM HIGH
VCM LOW
ΔVOS = 0.5mV
VOLTAGES ARE REFERRED TO SUPPLIES
TEMPERATURE (°C)
–50 –25
25
50
75
80
150
1017/18 G06
40
0
0
100 125
160
60
100
20
140
120
VSUPPLY = 20V
LT1018
OUTPUTS LOW
LT1017
OUTPUTS LOW
LT1017
OUTPUTS HIGH
LT1018
OUTPUTS HIGH
OUTPUT SINK CURRENT (mA)
0.1
10
100
1000
10000
1
10
100
1017/18 G07
LT1018
LT1017
SINK CURRENT (mA)
1000
1017/18 G08
10
100
0.01
100
10
1
0.1
0.001
125°C
–55°C
25°C
TOTAL SUPPLY VOLTAGE (V)
1
0
20
40
60
80
10
100
1017/18 G09
100
OUTPUT SHORTED TO V+
LT1018
LT1017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com