Electronic Components Datasheet Search
  English  ▼

X  

LT1620 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1620
Description  Rail-to-Rail Current Sense Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1620 Datasheet(HTML) 1 Page - Linear Technology

  LT1620 Datasheet HTML 1Page - Linear Technology LT1620 Datasheet HTML 2Page - Linear Technology LT1620 Datasheet HTML 3Page - Linear Technology LT1620 Datasheet HTML 4Page - Linear Technology LT1620 Datasheet HTML 5Page - Linear Technology LT1620 Datasheet HTML 6Page - Linear Technology LT1620 Datasheet HTML 7Page - Linear Technology LT1620 Datasheet HTML 8Page - Linear Technology LT1620 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1620/LT1621
Rail-to-Rail Current
Sense Amplifier
S
FEATURE
s
Accurate Output Current Programming
s
Usable in Charging Applications Up to 32V Output
s
Programmable Load Current Monitor for End-of-
Charging-Cycle Notification (16-Pin Version)
s
Dual Function IC (LT1621) Allows Convenient
Integration of Load and Input Current Sensing
s
Level-Shifted Current Sense Output for Current Mode
PWM Controllers
s
Can be Used for NiCd, NiMH, Lead-Acid and Lithium-
Ion Battery Charging
s
Greater than 96% Efficiency Possible in Charger
Applications
s
High Output Currents Possible: > 10A
Easily Obtained
DESCRIPTIO
The LT
®1620 simplifies the design of high performance,
controlled current battery charging circuits when used in
conjunction with a current mode PWM controller IC.
The LT1620 regulates average output current independent
of input and output voltage variations. Output current can
be easily adjusted via a programming voltage applied to
the LT1620’s PROG pin.
Most current mode PWM controllers have limited output
voltage range because of common mode limitations on the
current sense inputs. The LT1620 overcomes this restric-
tion by providing a level-shifted current sense signal,
allowing a 0V to 32V output voltage range.
The 16-pin version of the LT1620 contains a program-
mable low charging current flag output. This output flag
can be used to signal when a Li-Ion battery charging cycle
is nearing completion.
The LT1621 incorporates two fully independent current
control circuits for dual loop applications.
APPLICATI
TYPICAL
, LTC and LT are registered trademarks of Linear Technology Corporation.
BATTERY CHARGE CURRENT (A)
0
90
95
100
4
1620/21 • TA02
85
80
75
1
2
3
5
VIN = 24V
VBATT = 16V
VBATT = 12V
VBATT = 6V
Efficiency
Figure 1. Low Dropout, High Current Li-Ion Battery Charger
FB
ITH
LTC1435
SYNCHRONOUS
BUCK
REGULATOR
AVG
SENSE
LT1620MS8
VCC
GND
18
6
3
VBATT
IBATT TO 4A
VIN
(VBATT + 0.5V) TO 32V
LT1620/21 • F01
IN–
IN+
IOUT
PROG
45
27
SIMPLIFIED SCHEMATIC. SEE FIGURE 2 FOR COMPLETE SCHEMATIC
0.1
µF
15.75k
1%
3k
1%
0.1
µF
SENSE–
INTVCC
VIN
SW
27
µH
0.025
Ω
22
µF
35V
× 2
1.43M
0.1%
110k
0.1%
22
µF
35V
+
+
S
APPLICATI
s
High Current Battery Chargers
s
High Output Voltage DC/DC Converters
s
Constant Current Sources
s
Overcurrent Fault Protectors


Similar Part No. - LT1620

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1620 LINER-LT1620 Datasheet
282Kb / 12P
Rail-to-Rail Current Sense Amplifier
LT1620CGN LINER-LT1620CGN Datasheet
282Kb / 12P
Rail-to-Rail Current Sense Amplifier
LT1620CMS8 LINER-LT1620CMS8 Datasheet
282Kb / 12P
Rail-to-Rail Current Sense Amplifier
LT1620CS8 LINER-LT1620CS8 Datasheet
282Kb / 12P
Rail-to-Rail Current Sense Amplifier
LT1620IGN LINER-LT1620IGN Datasheet
282Kb / 12P
Rail-to-Rail Current Sense Amplifier
More results

Similar Description - LT1620

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1620 LINER-LT1620 Datasheet
282Kb / 12P
Rail-to-Rail Current Sense Amplifier
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
September 16, 2010
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
September 16, 2010
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
Micropower, Rail-to-Rail Input Current Sense Amplifier
July 1, 2011
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
Micropower, Rail to Rail Input Current Sense Amplifier
May 23, 2011
logo
Linear Technology
LT1621 LINER-LT1621_15 Datasheet
253Kb / 12P
Rail-to-Rail Current Sense Amplifier
logo
Intersil Corporation
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Texas Instruments
TPS92691 TI1-TPS92691 Datasheet
1Mb / 46P
Multi-Topology LED Driver With Rail-to-Rail Current Sense Amplifier
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com