| Electronic Components Datasheet Search |
|
LT1620 Datasheet(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1620 Datasheet(HTML) 3 Page - Linear Technology |
|
3 / 12 page ![]() 3 LT1620/LT1621 ELECTRICAL C C HARA TERISTICS IN+ = 16.8V, VCC = 5V, VIOUT = 2V, TA = 25°C unless otherwise noted. The q denotes specifications which apply over the full operating temperature range. Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: Input bias currents are disabled when VCC is removed, even with common mode voltage present at IN+, IN–. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS Current Sense Amplifier VOSAVG Input Offset - Measured at ×10 Output VCC ≤ VCM ≤ 32V – 3 3 mV (VAVG) 35mV ≤ VID ≤ 125mV q –4 4 mV VCM = 0V, VID = 80mV q –10 15 mV VOSAVG2 Input Offset - Measured at ×20 Output VCC ≤ VCM ≤ 32V – 3 3 mV (VAVG2) 0V ≤ VID ≤ 35mV q –4 4 mV VSENSE No-Load Output Offset 0V ≤ VCM ≤ 32V, VID = 0V, Referenced to VCC q – 0.1 – 3 mV IB(IN+, IN–) Input Bias Current (Sink) VCC ≤ VCM ≤ 32V (Note 2) 200 270 400 µA q 185 430 µA Input Bias Current (Source) VCM = 0V (Note 2) 4.0 5.25 mA q 5.50 mA Transconductance Amplifier gm Amplifier Transconductance 3000 3500 4000 µmho q 2200 4800 µmho AV Amplifier Voltage Gain 1V ≤ VIOUT ≤ 3V 60 80 dB VOLIOUT IOUT Saturation Limit (Sink) IIOUT = 50µA q 0.05 0.15 V IIOUT = 200µA q 0.10 0.30 V IIOUT = 1mA q 0.35 0.65 V VPROG PROG Input Range q VCC – 1.25 VCC V IBPROG Input Bias Current Measured at PROG Pin 20 nA VOSPROG Input Offset Voltage IIOUT = 130µA– 7 7 mV (VAVG – VPROG) q –8 8 mV End-of-Cycle Comparator VPROG2 PROG2 Input Range q VCC – 2.5 VCC – 0.15 V VHYST Input Hysteresis Measured at AVG2 Pin 15 mV IBPROG2 Input Bias Current Measured at PROG2 Pin 20 nA VOLMODE Output Logic Low Output (Sink) IMODE = 0.5mA q 0.1 0.5 V IMODE = 10mA q 0.5 1.2 V PI FU CTIO S ensure continuity around zero inductor current. Typical out- put is –3mV with differential input voltage (IN+ – IN–) = 0. AVG: Sense Amplifier AV = –10 Output and Transconductance Amplifier Positive Input. Used as inte- gration node for average current control. Integration time constant is calculated using 2.5k Ω typical output imped- ance. PROG: Transconductance Amplifier Negative Input. Pro- gram node for average current delivered to load during current mode operation. Average current delivered to load imposes voltage differential at current sense amplifier VCC: 5V ±10% Power Supply Input. IN+: Sense Amplifier Positive Input. Typically connected to inductor side of current sense resistor. Common mode voltage range is 0V to 32V. IN–: Sense Amplifier Negative Input. Typically connected to load side of current sense resistor. Common mode voltage range is 0V to 32V. SENSE: Sense Amplifier AV = –1 Output. Used as level- shifted output for PWM controller current sense input. The sense output is designed to have an inherent offset to |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |