Electronic Components Datasheet Search
  English  ▼

X  

UPD4702C Datasheet(PDF) 5 Page - NEC

Part # UPD4702C
Description  INCREMENTAL ENCODER 8-BIT UP/DOWN COUNTER CMOS INTEGRATED CIRCUITS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4702C Datasheet(HTML) 5 Page - NEC

  UPD4702C Datasheet HTML 1Page - NEC UPD4702C Datasheet HTML 2Page - NEC UPD4702C Datasheet HTML 3Page - NEC UPD4702C Datasheet HTML 4Page - NEC UPD4702C Datasheet HTML 5Page - NEC UPD4702C Datasheet HTML 6Page - NEC UPD4702C Datasheet HTML 7Page - NEC UPD4702C Datasheet HTML 8Page - NEC UPD4702C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
µPD4702
2.
OPERATING PRECAUTIONS
As the
µPD4702 incorporates an 8-bit counter, a large transient current flows in the case of a count value which
changes all the bits (such as 00H
↔ 0FFH or 7FH ↔ 080H). This will cause misoperation unless the impedance of the
power supply line is sufficiently low. It is therefore recommended that a decoupling capacitor (of around 0.1
µF)
be connected between VDD and VSS right next to the IC as shown in Fig. 3.
Fig. 3 Decoupling Capacitor
VDD
VSS
+5 V
C
C : 0.1
µF tantalum electrolytic laminated
ceramic capacitor, etc.
Also, if a pulse shorter than the phase difference time tSAB (70 ns) is input to the A/ B phase inputs, this will result
in a miscount. Therefore, if this kind of pulse is to be input because of encoder bounds, etc., a filter should be inserted
in the A & B phase inputs.
Fig. 4 A & B Phase Input Pulses
A Phase (or B Phase)
B Phase (or A Phase)
PW
If a pulse such that PW < 70 ns is input
in the A or B phase, there is a danger of
a miscount.
If PW is at 70 ns or more, the count value remains the same before and after pulse input. (UP count
→ DOWN
count or DOWN count
→ UP count is implemented, and therefore the the result is no change in the count value.)
µPD4702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com