Electronic Components Datasheet Search
  English  ▼

X  

UPD4702C Datasheet(PDF) 6 Page - NEC

Part # UPD4702C
Description  INCREMENTAL ENCODER 8-BIT UP/DOWN COUNTER CMOS INTEGRATED CIRCUITS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4702C Datasheet(HTML) 6 Page - NEC

Back Button UPD4702C Datasheet HTML 2Page - NEC UPD4702C Datasheet HTML 3Page - NEC UPD4702C Datasheet HTML 4Page - NEC UPD4702C Datasheet HTML 5Page - NEC UPD4702C Datasheet HTML 6Page - NEC UPD4702C Datasheet HTML 7Page - NEC UPD4702C Datasheet HTML 8Page - NEC UPD4702C Datasheet HTML 9Page - NEC UPD4702C Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
µPD4702
PARAMETER
SYMBOL
RATING
UNIT
Supply voltage
VDD
–0.5 to +7.0
V
Input voltage
VI
–1.0 to VDD +1.0
V
Output voltage
VO
–0.5 to VDD +0.5
V
Operating temperature
Topt
–40 to +85
°C
Storage temperature
Tstg
–65 to +150
°C
Permissible loss
PD
500 (DIP)
200 (SOP)
mW
PARAMETER
SYMBOL
TEST CONDITIONS
RATING
UNIT
MIN.
MAX.
Input voltage high
VIL
0.8
V
Input voltage low
VIH
A, B, Reset
2.6
V
VIH
Other than the above
2.2
V
Output voltage low
VOL
IOL = 12 mA
0.45
V
Output voltage high
VOH
IOH = –4 mA
VDD – 0.8
V
Static consumption current
IDD
VI = VDD, VSS
50
µA
Input current
II
VI = VDD, VSS
–1.0
1.0
µA
3-state output leak current
IOFF
–10
10
µA
Dynamic consumption current
IDD dyn
fIN = 3.6 MHz, CL = 50 pF
12
mA
Hysteresis voltage
VH
A, B, Reset
0.2
V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
MAX.
UNIT
Cycle
tCYAB
fin = 3.6 MHz
280
ns
High-level width
tPWABH
140
ns
A, B
Low-level width
tPWABL
140
ns
Phase difference time
tSAB
70
ns
Setting time
tSRSAB
0ns
Reset time
tDRSCD
60
ns
Output delay
tDABCD
100
ns
CD0 to 7
Output delay
tDOECD
50
ns
Output delay
tDSTBCD
60
ns
Float time
tFOECD
40
ns
Carry
Output delay
tDABCB
120
ns
Borrow
Output pulse width
tPWCB
25
120
ns
RESET
Reset pulse width
tPWRS
40
ns
STB
Setting time
tSABSTB
40
ns
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, VSS = 0 V)
DC CHARACTERISTICS (TA = –40 to +85
°C, VDD = +5 V ±10 %)
AC CHARACTERISTICS (TA = –40 to +85
°C, VDD = +5 V ±10 %)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com