Electronic Components Datasheet Search
  English  ▼

X  

UPD4704 Datasheet(PDF) 4 Page - NEC

Part # UPD4704
Description  EXTENSION 8-BIT UP/DOWN COUNTER CMOS INTEGRATED CIRCUITS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4704 Datasheet(HTML) 4 Page - NEC

  UPD4704 Datasheet HTML 1Page - NEC UPD4704 Datasheet HTML 2Page - NEC UPD4704 Datasheet HTML 3Page - NEC UPD4704 Datasheet HTML 4Page - NEC UPD4704 Datasheet HTML 5Page - NEC UPD4704 Datasheet HTML 6Page - NEC UPD4704 Datasheet HTML 7Page - NEC UPD4704 Datasheet HTML 8Page - NEC UPD4704 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
µPD4704
1.
DESCRIPTION OF OPERATIONS
(1)
Count operation
The
µPD4704 is designed as 8-bit up/down counter for extension of the µPD4702. The first-stage Carry output
is connected to the UP input of the
µPD4704, and similarly, the Borrow output is connected to the DOWN input. A
count is executed on the rising edge of the UP input or DOWN input.
If the
µPD4704 is to be used alone, without being connected to the µPD4702, either UP or the DOWN must be "H".
If a count pulse is input to UP or DOWN while the other is "L", the count value may change.
(2)
Latch operation
An R-S flip-flop is inserted in the latch circuit input as shown in Fig. 1, and when STB is changed from "H" to "L"
while the UP or DOWN input is "L", the internal latch signal STB' remains at "H" until the end of the count operation.
Therefore, latching is not performed during a count operation. If STB changes from "H" to "L" tSUDSTB1 (40 ns) or
more after the falling edge of UP or DOWN, the post-count data is latched, and if STB changes from "H" to "L" within
tSUDSTB2 (10 ns) after the falling edge of UP or DOWN, then conversely, the pre-count data is latched.
Caution is required since, when UP or DOWN is "L" (during a count operation), the latch operation is kept waiting
even if STB is changed from "H" to "L", and therefore if a reset is executed the latch contents will also be reset (see
Figs. 2 and 3).
Fig. 1 STB Input Circuit
From UP/DOWN Circuit
STB'
STB
Count Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com