Electronic Components Datasheet Search
  English  ▼

X  

UPD4704 Datasheet(PDF) 7 Page - NEC

Part # UPD4704
Description  EXTENSION 8-BIT UP/DOWN COUNTER CMOS INTEGRATED CIRCUITS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4704 Datasheet(HTML) 7 Page - NEC

Back Button UPD4704 Datasheet HTML 3Page - NEC UPD4704 Datasheet HTML 4Page - NEC UPD4704 Datasheet HTML 5Page - NEC UPD4704 Datasheet HTML 6Page - NEC UPD4704 Datasheet HTML 7Page - NEC UPD4704 Datasheet HTML 8Page - NEC UPD4704 Datasheet HTML 9Page - NEC UPD4704 Datasheet HTML 10Page - NEC UPD4704 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
µPD4704
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, VSS = 0 V)
PARAMETER
SYMBOL
RATING
UNIT
Supply voltage
VDD
–0.5 to +7.0
V
Input voltage
VI
–1.0 to VDD +1.0
V
Output voltage
VO
–0.5 to VDD +0.5
V
Operating temperature
Topt
–40 to +85
°C
Storage temperature
Tstg
–65 to +150
°C
Permissible loss
PD
500 (DIP)
200 (SOP)
mW
DC CHARACTERISTICS (TA = –40 to +85
°C, VDD = +5 V ±10 %)
PARAMETER
SYMBOL
TEST CONDITIONS
RATING
UNIT
MIN.
MAX.
Input voltage low
VIL
0.8
V
Input voltage high
VIH
Reset
2.6
V
VIH
Other than the above
2.2
V
Output voltage low
VOL
IOL = 12 mA
0.45
V
Output voltage high
VOH
IOH = –4 mA
VDD – 0.8
V
Static consumption current
IDD
VI = VDD, VSS
50
µA
Input current
II
VI = VDD, VSS
–1.0
1.0
µA
3-state output leak current
IOFF
–10
10
µA
Dynamic consumption current
IDD dyn
fIN = 16 MHz, CL = 50 pF
12
mA
Hysteresis voltage
VH
Reset
0.2
V
AC CHARACTERISTICS (TA = –40 to +85
°C, VDD = +5 V ±10 %)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
MAX.
UNIT
Cycle
tCYCT
fin = 16 MHz
60
ns
Up
Input pulse width
tPWUDL
25
ns
Down
tPWUDH
35
ns
Setup time
tSRSUD
0ns
Up/down switchover setupt time
tSUDM
100
ns
Reset time
tDRSCD
60
ns
Output delay
tDUDCD
70
ns
CD0 to 7
Output delay
tDOECD
50
ns
Output delay
tDSTBCD
50
ns
Float time
tFOECD
40
ns
Carry
Output delay
tDUDCB1
50
ns
Borrow
tDUDCB2
100
ns
Output pulse width
tPWCB
30
ns
RESET
Reset pulse width
tPWRS
40
ns
STB
Setting time
tSUDSTB1
40
ns
tSUDSTB2
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com