Electronic Components Datasheet Search
  English  ▼

X  

LTC1689 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1689
Description  100Mbps RS485 Hot Swapable Quad Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1689 Datasheet(HTML) 2 Page - Linear Technology

  LTC1689 Datasheet HTML 1Page - Linear Technology LTC1689 Datasheet HTML 2Page - Linear Technology LTC1689 Datasheet HTML 3Page - Linear Technology LTC1689 Datasheet HTML 4Page - Linear Technology LTC1689 Datasheet HTML 5Page - Linear Technology LTC1689 Datasheet HTML 6Page - Linear Technology LTC1689 Datasheet HTML 7Page - Linear Technology LTC1689 Datasheet HTML 8Page - Linear Technology LTC1689 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1688/LTC1689
16889fa
PACKAGE/ORDER I FOR ATIO
A
G
A
U
A
R
BSOLUTEXI
TI
S
(Note 1)
Supply Voltage (VDD) ................................................ 7V
Enable Input Voltages ................. – 0.5V to (VDD + 0.5V)
Enable Input Currents ..................... – 100mA to 100mA
Driver Input Voltages .................. – 0.5V to (VDD + 0.5V)
Driver Output Voltages ................. (– 12V + VDD) to 12V
Driver Input Currents ...................... – 100mA to 100mA
Short-Circuit Duration (VOUT: – 7V to 10V) ...... Indefinite
Operating Temperature Range
LTC1688C/LTC1689C ............................. 0
°C to 70°C
LTC1688I/LTC1689I .......................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
DC ELECTRICAL CHARACTERISTICS
ORDER PART
NUMBER
LTC1688CS
LTC1689CS
LTC1688IS
LTC1689IS
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
*LTC1689 ONLY
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DI1
DO1A
DO1B
EN (EN12*)
DO2B
DO2A
DI2
GND
VDD
DI4
DO4A
DO4B
ENB (EN34*)
DO3B
DO3A
DI3
TJMAX = 150°C, θJA = 90°C/ W
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
Consult factory for parts specified with wider operating temperature ranges.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD = 5V, Per Driver, TA = 25°C, Unless Otherwise Noted (Note 2)
VOD1
Differential Driver Output (Unloaded)
IOUT = 0
q
VDD
V
VOD2
Differential Driver Output (With Load)
R = 50
Ω (RS422)
q
2V
R = 25
Ω (RS485), Figure 1
q
1.5
3.0
V
∆VOD
Change in Magnitude of Driver Differential
R = 25
Ω or 50Ω, Figure 1
q
0.2
V
Output Voltage for Complementary
Output States
VOC
Driver Common Mode Output Voltage
R = 25
Ω or 50Ω, Figure 1
q
23
V
∆VOC
Change in Magnitude of Driver Common
R = 25
Ω or 50Ω, Figure 1
q
0.2
V
Mode Output Voltage for Complementary
Output States
VIH
Input High Voltage
EN, ENB, EN12, EN34, DI
q
2V
VIL
Input Low Voltage
EN, ENB, EN12, EN34, DI
q
0.8
V
IIN1
Input Current
EN, ENB, EN12, EN34, DI
q
±1
µA
IOZ
Three-State (High Impedance)
VOUT = – 7V to 12V
q
±2
±200
µA
Output Current
IDD
Supply Current of Entire Device
No Load, Digital Input Pins = 0V or VDD
q
918
mA
IOSD1
Driver Short-Circuit Current, VOUT = HIGH
VOUT = – 7V to 10V
q
±20
mA
IOSD2
Driver Short-Circuit Current, VOUT = LOW
VOUT = – 7V to 10V
q
±20
mA
VDD = 3V, Per Driver, TA = 25°C, Unless Otherwise Noted (Note 2)
VOD1
Differential Driver Output (Unloaded)
IOUT = 0
q
VDD
V
VOD2
Differential Driver Output (With Load)
R = 50
Ω (RS422)
1.5
V
R = 25
Ω (RS485), Figure 1
q
0.65
2.0
V
∆VOD
Change in Magnitude of Driver Differential
R = 25
Ω or 50Ω, Figure 1
0.1
V
Output Voltage for Complementary
Output States
VOC
Driver Common Mode Output Voltage
R = 25
Ω or 50Ω, Figure 1
1.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com