Electronic Components Datasheet Search
  English  ▼

X  

LTC1689 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1689
Description  100Mbps RS485 Hot Swapable Quad Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1689 Datasheet(HTML) 4 Page - Linear Technology

  LTC1689 Datasheet HTML 1Page - Linear Technology LTC1689 Datasheet HTML 2Page - Linear Technology LTC1689 Datasheet HTML 3Page - Linear Technology LTC1689 Datasheet HTML 4Page - Linear Technology LTC1689 Datasheet HTML 5Page - Linear Technology LTC1689 Datasheet HTML 6Page - Linear Technology LTC1689 Datasheet HTML 7Page - Linear Technology LTC1689 Datasheet HTML 8Page - Linear Technology LTC1689 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1688/LTC1689
16889fa
TYPICAL PERFORMANCE CHARACTERISTICS
Propagation Delay
vs Temperature
TEMPERATURE (
°C)
14
12
10
8
6
4
2
0
1688/89 G01
0
20
40
60
80
100
VDI = 0V TO 3V
RDIFF = 50Ω
CL = 25pF
VDD = 3V
VDD = 5V
Supply Current vs Data Rate
DATA RATE (Mbps)
250
200
150
100
50
0
1688/89 G03
0
20
40
60
80
100
120
VDD = 5V
RDIFF = 50Ω, PER DRIVER
CL = 25pF, PER DRIVER
TA = 25°C
4 DRIVERS
SWITCHING
1 DRIVER
SWITCHING
LOAD CAPACITANCE (pF)
14
12
10
8
6
4
2
0
1688/89 G02
0
10
20
30
40
50
60
VDI = 0V TO 3V
RDIFF = 50Ω
TA = 25°C
VDD = 3V
VDD = 5V
Propagation Delay
vs Load Capacitance
TEMPERATURE (
°C)
1688/89 G04
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
20
40
60
80
100
VDD = 5V
VOUT = 12V
VOUT = –7V
TEMPERATURE (
°C)
2.5
2.0
1.5
1.0
0.5
0
1688/89 G05
0
20
40
60
80
100
RDIFF = 50Ω
VDD = 5V
VDD = 3V
TEMPERATURE (
°C)
180
160
140
120
100
80
60
40
20
0
1688/89 G06
0
20
40
60
80
100
VDD = 5V
RDIFF = 50Ω, PER DRIVER
0.1Mbps
1 DRIVER LOADED
4 DRIVERS LOADED
Three-State Output Current
IDD vs Temperature
VOD2 vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com