Electronic Components Datasheet Search
  English  ▼

X  

LTC4069 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4069
Description  Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4069 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4069 Datasheet HTML 4Page - Linear Technology LTC4069 Datasheet HTML 5Page - Linear Technology LTC4069 Datasheet HTML 6Page - Linear Technology LTC4069 Datasheet HTML 7Page - Linear Technology LTC4069 Datasheet HTML 8Page - Linear Technology LTC4069 Datasheet HTML 9Page - Linear Technology LTC4069 Datasheet HTML 10Page - Linear Technology LTC4069 Datasheet HTML 11Page - Linear Technology LTC4069 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC4069
8
4069fc
For more information www.linear.com/LTC4069
operaTion
The charge cycle begins when the voltage at the VCC pin
rises above 3.5V and approximately 80mV above the BAT
pin voltage, a 1% program resistor is connected from the
PROGpintogroundandtheNTCpinvoltagestaysbetween
0.76 • VCC and 0.35 • VCC or below 0.016 • VCC.
If the BAT pin voltage is below 2.9V, the charger goes into
trickle charge mode, charging the battery at one-tenth the
programmed charge current to bring the cell voltage up to
a safe level for charging. If the BAT pin voltage is above
4.1V, the charger will not charge the battery as the cell
is near full capacity. Otherwise, the charger goes into the
fast charge constant-current mode.
When the BAT pin approaches the final float voltage
(4.2V), the LTC4069 enters constant-voltage mode and
the charge current begins to decrease. When the current
drops to 10% of the full-scale charge current, an internal
comparator turns off the N-channel MOSFET on the CHRG
pin and the pin assumes a high impedance state.
An internal timer sets the total charge time, tTIMER (typi-
cally 4.5 hours). When this time elapses, the charge cycle
terminates and the CHRG pin assumes a high impedance
state. The charge cycle will automatically restart if the
BAT pin voltage falls below VRECHRG (typically 4.1V).
To manually restart the charge cycle, remove the input
voltage and reapply it, or momentarily float the PROG pin
and reconnect it.
Programming Charge Current
The charge current is programmed using a single resistor
fromthePROGpintoground.Thebatterychargecurrentis
1000 times the current out of the PROG pin. The program
resistor and the charge current are calculated using the
following equations:
RPROG =1000•
1V
ICHG
, ICHG =
1000V
RPROG
The charge current out of the BAT pin can be determined
at any time by monitoring the PROG pin voltage and using
the following equation:
IBAT =
VPROG
RPROG
•1000
Undervoltage Lockout (UVLO)
An internal undervoltage lockout circuit monitors the
input voltage and keeps the charger in undervoltage
lockout until VCC rises above 3.6V and approximately
80mV above the BAT pin voltage. The 3.6V UVLO circuit
has a built-in hysteresis of approximately 0.6V and the
automatic shutdown threshold has a built-in hysteresis
of approximately 50mV. During undervoltage lockout
conditions, maximum battery drain current is 4µA and
maximum supply current is 11µA.
Shutdown Mode
The LTC4069 can be disabled by floating the PROG pin.
In shutdown mode, the battery drain current is reduced
to less than 1µA and the supply current to about 20µA.
Timer and Recharge
The LTC4069 has an internal termination timer that starts
whenaninputvoltagegreaterthantheundervoltagelockout
threshold is applied to VCC,orwhenleavingshutdownand
the battery voltage is less than the recharge threshold.
Atpower-uporwhenexitingshutdown,ifthebatteryvoltage
is less than the recharge threshold, the charge time is set
to 4.5 hours. If the battery temperature is either too high
or too low, the timer will pause until the battery returns
to normal temperature. If the battery is greater than the
rechargethresholdatpower-uporwhenexitingshutdown,
the timer will not start and charging is prevented since the
battery is at or near full capacity.
Once the charge cycle terminates, the LTC4069 continu-
ously monitors the BAT pin voltage using a comparator
with a 2ms filter time. When the battery voltage falls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com