Electronic Components Datasheet Search
  English  ▼

X  

LTC4069 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4069
Description  Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4069 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4069 Datasheet HTML 10Page - Linear Technology LTC4069 Datasheet HTML 11Page - Linear Technology LTC4069 Datasheet HTML 12Page - Linear Technology LTC4069 Datasheet HTML 13Page - Linear Technology LTC4069 Datasheet HTML 14Page - Linear Technology LTC4069 Datasheet HTML 15Page - Linear Technology LTC4069 Datasheet HTML 16Page - Linear Technology LTC4069 Datasheet HTML 17Page - Linear Technology LTC4069 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
LTC4069
14
4069fc
For more information www.linear.com/LTC4069
4069 F06
RNOM
8.87k
RNTC
10k
VCC
–
+
TOO COLD
TOO HOT
NTC_ENABLE
R1
604
0.76 • VCC
0.35 • VCC
0.016 • VCC
6
NTC
Figure 6. NTC Circuits
applicaTions inForMaTion
approximate ambient temperature at which the thermal
feedback begins to protect the IC is:
TA = 115°C – PD • θJA
TA = 115°C – (VCC – VBAT) • IBAT • θJA
Example: Consider an LTC4069 operating from a 5V wall
adapter providing 750mA to a 3.6V Li-Ion battery. The
ambient temperature above which the LTC4069 will begin
to reduce the 750mA charge current is approximately:
TA = 115°C – (5V – 3.6V) • (750mA) • 60°C/W
TA = 115°C – (1.05W • 60°C/W) = 115°C – 63°C
TA = 52°C
The LTC4069 can be used above 70°C, but the charge
current will be reduced from 750mA. The approximate
current at a given ambient temperature can be calculated:
IBAT =
115
°C– TA
VCC – VBAT
(
)•θJA
Using the previous example with an ambient temperature
of 73°C, the charge current will be reduced to
approximately:
IBAT =
115
°C–73°C
5V –3.6V
(
)•60°C/W
=
42
°C
84
°C/A
= 500mA
Furthermore, the voltage at the PROG pin will change
proportionally with the charge current as discussed in
the Programming Charge Current section.
It is important to remember that LTC4069 applications do
not need to be designed for worst-case thermal conditions
sincetheICwillautomaticallylimitpowerdissipationwhen
the junction temperature reaches approximately 115°C.
Board Layout Considerations
In order to deliver maximum charge current under all
conditions, it is critical that the exposed metal pad on
the backside of the LTC4069 package is soldered to the
PC board copper and extending out to relatively large
copper areas or internal copper layers connected using
vias. Correctly soldered to a 2500mm2 double-sided 1
oz. copper board the LTC4069 has a thermal resistance
of approximately 60°C/W. Failure to make thermal contact
between the Exposed Pad on the backside of the package
and the copper board will result in thermal resistances far
greater than 60°C/W. As an example, a correctly soldered
LTC4069 can deliver over 750mA to a battery from a 5V
supply at room temperature. Without a backside thermal
connection, this number could drop to less than 500mA.
VCC Bypass Capacitor
Many types of capacitors can be used for input bypassing;
however,cautionmustbeexercisedwhenusingmulti-layer
ceramic capacitors. Because of the self-resonant and high
Qcharacteristicsofsometypesofceramiccapacitors,high
voltage transients can be generated under some start-up
conditions, such as connecting the charger input to a live
power source. For more information, refer to Application
Note 88.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com