Electronic Components Datasheet Search
  English  ▼

X  

LTC5509 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC5509
Description  300MHz to 3GHz RF Power Detector in SC70 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5509 Datasheet(HTML) 4 Page - Linear Technology

  LTC5509 Datasheet HTML 1Page - Linear Technology LTC5509 Datasheet HTML 2Page - Linear Technology LTC5509 Datasheet HTML 3Page - Linear Technology LTC5509 Datasheet HTML 4Page - Linear Technology LTC5509 Datasheet HTML 5Page - Linear Technology LTC5509 Datasheet HTML 6Page - Linear Technology LTC5509 Datasheet HTML 7Page - Linear Technology LTC5509 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC5509
4
5509f
TYPICAL PERFOR A CE CHARACTERISTICS
S11 Forward Reflection
Impedance
0.300000GHz TO 3.000000GHz
S11 Forward Reflection
Impedance
RFIN Input Impedance (Pin = 0dBm, VCC = 3.6V, TA = 25°C)
PNT
FREQUENCY
RESISTANCE
REACTANCE
#
(GHz)
(
Ω)(Ω)
1
0.300
185.434
– 62.632
2
0.468
173.804
– 65.491
3
0.637
161.644
– 71.893
4
0.806
149.450
– 76.830
5
0.975
137.402
– 79.300
6
1.143
126.251
– 81.429
7
1.312
114.165
– 84.108
8
1.481
100.350
– 83.547
9
1.650
89.015
– 80.053
10
1.818
80.586
– 74.762
11
1.987
73.674
– 70.242
12
2.156
67.737
– 66.323
13
2.325
62.354
– 61.497
14
2.493
57.833
– 57.213
15
2.662
53.701
– 53.443
16
2.831
50.166
– 48.992
17
3.000
47.094
– 44.997
5509 TA03
5509 TA04
0.300000GHz TO 3.000000GHz
RFIN Input Impedance (Pin = –25dBm, VCC = 3.6V, TA = 25°C)
PNT
FREQUENCY
RESISTANCE
REACTANCE
#
(GHz)
(
Ω)(Ω)
1
0.300
146.073
– 48.091
2
0.468
140.112
– 44.500
3
0.637
133.522
– 46.654
4
0.806
127.142
– 50.559
5
0.975
120.560
– 52.094
6
1.143
114.518
– 53.472
7
1.312
107.427
– 58.362
8
1.481
96.348
– 61.184
9
1.650
86.158
– 59.226
10
1.818
79.014
– 55.746
11
1.987
73.054
– 52.613
12
2.156
67.785
– 49.515
13
2.325
63.701
– 46.430
14
2.493
59.598
– 43.378
15
2.662
55.559
– 40.355
16
2.831
52.713
– 37.150
17
3.000
49.898
– 34.268



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com