Electronic Components Datasheet Search
  English  ▼

X  

LTC5509 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC5509
Description  300MHz to 3GHz RF Power Detector in SC70 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5509 Datasheet(HTML) 6 Page - Linear Technology

  LTC5509 Datasheet HTML 1Page - Linear Technology LTC5509 Datasheet HTML 2Page - Linear Technology LTC5509 Datasheet HTML 3Page - Linear Technology LTC5509 Datasheet HTML 4Page - Linear Technology LTC5509 Datasheet HTML 5Page - Linear Technology LTC5509 Datasheet HTML 6Page - Linear Technology LTC5509 Datasheet HTML 7Page - Linear Technology LTC5509 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LTC5509
6
5509f
APPLICATIO S I FOR ATIO
Operation
The LTC5509 RF detector integrates several functions to
provide RF power detection over frequencies ranging from
300MHz to 3GHz. These functions include an internally
compensated buffer amplifier, an RF Schottky diode peak
detector and level shift amplifier to convert the RF feedback
signal to DC and a delay circuit to avoid voltage transients
at VOUT when coming out of shutdown. The LTC5509 does
not incorporate gain compression. Consequently, it offers
a linear transfer relationship between RF input voltage and
DC output voltage.
Buffer Amplifier
The buffer amplifier is capable of driving a 2mA load. The
buffer amplifier typically has an output voltage range of
0.25V to 3V with VCC = 3.6V. At lower supply voltages the
maximum output swing is reduced.
RF Detector
The internal RF Schottky diode peak detector and level
shift amplifier converts the RF input signal to a low
frequency signal. The detector demonstrates excellent
efficiency and linearity over a wide range of input power.
The Schottky detector is biased at about 60
µA and drives
a peak detector capacitor of 28pF.
Modes of Operation
MODE
SHDN
OPERATION
Shutdown
Low
Disabled
Enable
High
Power Detect
Applications
The LTC5509 can be used as a self-standing signal strength
measuring receiver for a wide range of input signals from
–30dBm to 6dBm for frequencies from 300MHz to 3GHz.
The LTC5509 can be used as a demodulator for AM and
ASK modulated signals with data rates up to 1.5MHz.
Depending on specific application needs, the RSSI output
can be split into two branches, providing AC-coupled data
(or audio) output and DC-coupled, RSSI output for signal
strength measurements and AGC.
The LTC5509 can be used for RF power detection and
control. Refer to Application Note 91, “Low Cost Coupling
Methods for RF Power Detectors Replace Directional
Couplers.”
Demo Board Schematic
SHDN
GND
VOUT
RF
GND
VCC
LTC5509
1
2
3
JP1
VCC
VCC
VCC
R2
68
Ω
(OPT)
R1
68
Ω
(OPT)
C5
(OPT)
C2
0.1
µF
C3
100pF
C1
33pF
RFIN
J1
E1
E5
E2
E4
E3
GND
VOUT
GND
SHDN
R3
22k
ENABLE
DISABLE
5509 AI01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com